Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5N2001LM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H5N2001LM
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2001LM Datasheet(HTML) 3 Page - Renesas Technology Corp

  H5N2001LM Datasheet HTML 1Page - Renesas Technology Corp H5N2001LM Datasheet HTML 2Page - Renesas Technology Corp H5N2001LM Datasheet HTML 3Page - Renesas Technology Corp H5N2001LM Datasheet HTML 4Page - Renesas Technology Corp H5N2001LM Datasheet HTML 5Page - Renesas Technology Corp H5N2001LM Datasheet HTML 6Page - Renesas Technology Corp H5N2001LM Datasheet HTML 7Page - Renesas Technology Corp H5N2001LM Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
H5N2001LD, H5N2001LS, H5N2001LM
Rev.6.00 Jul 14, 2006 page 3 of 7
Main Characteristics
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
50
40
30
20
10
0
50
40
30
20
10
0
02468
10
Tc = 75°C
25°C
–25°C
30
10
100
3
1
0.3
0.03
0.1
0.01
13
30
300
10
100
1000
VDS = 10 V
Pulse Test
1000
300
Ta = 25°C
DC Operation
Tc = 25°C
Operation in
this area is
limited by RDS (on)
100
0
0
25
50
75
50
100
150
200
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
4
3
2
1
0
04
8
12
16
20
0.2
0.1
0.02
0.05
0.01
10
100
300
Pulse Test
ID = 20 A
5 A
10 A
130
1000
3
1
0.5
VGS = 10 V
Pulse Test
1 ms
100
µs
10
µs
04
8
12
16
20
10 V
7 V
8 V
Pulse Test
VGS = 5 V
6 V
PW
= 10
ms
(1shot)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com