Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8225 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV8225
Description  AM SIF CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8225 Datasheet(HTML) 3 Page - STMicroelectronics

  STV8225 Datasheet HTML 1Page - STMicroelectronics STV8225 Datasheet HTML 2Page - STMicroelectronics STV8225 Datasheet HTML 3Page - STMicroelectronics STV8225 Datasheet HTML 4Page - STMicroelectronics STV8225 Datasheet HTML 5Page - STMicroelectronics STV8225 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued) (VCC =9V, VIN = 10mVRMS,fSC = 32.4MHz, fM = 1kHz,
m = 54% modulation depth, Audio BW = 40Hz to 15kHz, Tamb =25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
AM DEMODULATOR
AF Output Voltage (Pins 7-9)
Level switch (Pin 4) open
Level switch (Pin 4) connected to GND
200
400
250
500
300
600
mVRMS
mVRMS
AF Bandwidth (Pins 7-9)
Lower Limit
Upper Limit
-3dB versus nominal signal
50
40
Hz
kHz
Harmonic Distorsion (Pins 7-9)
THD + Noise
0.7
1.8
%
S/N (Pins 7-9)
Weighted according to CCIR 468-4
55
dB
MUTE
Threshold Level (Pin 6)
Mute mode if voltage below threshold
0.2
0.3
0.4
V
Attenuation (Pins 7-9)
Level switch (Pin 4) connected to GND
TV - AM mode
80
96
dB
AUDIO SWITCHES
Switching Voltage (Pin 10)
Operation mode
View1
Level 1 (Pin 10)
For voltage below this level
TV-FM mode :
Pin 7 connected to A
Pin 9 connected to C
1.8
2.3
2.6
V
View2
Level 2 (Pin 10)
For voltage below this level
TV-AM mode :
Pin 7 connected to A
Pin 9 connected to A
4.1
4.6
4.9
V
View3
Level 3 (Pin 10)
For voltage below this level
AV-AM mode :
Pin 7 connected to B
Pin 9 connected to A
For voltage above this level
AV-FM mode :
Pin 7 connected to B
Pin 9 connected to C
6.4
6.8
7.2
V
Input Current (Pin 10)
Source current
0.3
2
µA
Input Dynamic Range (Pins 5-11)
2
VRMS
Input Resistance (Pins 5-11)
35
50
k
Ω
Switch Gain
VIN =2VRMS, f = 1kHz
Pin 7 vs Pin 11 and Pin 9 vs Pin 5
-0.6
-0.1
0.4
dB
Crosstalk
f = 1kHz
70
85
dB
Output Resistance (Pins 7-9)
70
100
130
Ω
Output Current Source (Pins 7-9)
1
mA
Switch Distorsion
VIN =2VRMS, f = 1kHz, THD + Noise,
Pin 7 vs Pin 11 and Pin 9 vs Pin 5
0.1
0.5
%
Output Noise
Unweighted
7
20
µVp
DC Plop at AF Output Pin
10
50
mV
TV
FM
Viev1
TV
AM
Viev2
AV
AM
Viev3
AV
FM
0V
VCC
V10
STV8225
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com