Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8225 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV8225
Description  AM SIF CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8225 Datasheet(HTML) 5 Page - STMicroelectronics

  STV8225 Datasheet HTML 1Page - STMicroelectronics STV8225 Datasheet HTML 2Page - STMicroelectronics STV8225 Datasheet HTML 3Page - STMicroelectronics STV8225 Datasheet HTML 4Page - STMicroelectronics STV8225 Datasheet HTML 5Page - STMicroelectronics STV8225 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9
11
12
VCC
VCC
100
Ω
10
VCC
VREF
4.3V
SC_IN
CONTROL
SC_OUT
STV8225
13
5k
Ω
VREF
4.3V
C_MEAN
4.2V
14
1
IF1
IF2
2.7V
(discharge)
(charge)
2
V
6V
CC
IC
ID
C_AGC
4
VCC
LSW
5
VCC
VREF
4.3V
FM_IN
6
MUTE
VCC
7
100
Ω
AUDIO
8
6.4V
6.0V
V6.4
(if used)
3
GND
INPUT/OUTPUT PINS CONFIGURATION
STV8225
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com