Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9303 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV9303
Description  PULSE DRIVEN VERTICAL BOOSTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9303 Datasheet(HTML) 3 Page - STMicroelectronics

  STV9303 Datasheet HTML 1Page - STMicroelectronics STV9303 Datasheet HTML 2Page - STMicroelectronics STV9303 Datasheet HTML 3Page - STMicroelectronics STV9303 Datasheet HTML 4Page - STMicroelectronics STV9303 Datasheet HTML 5Page - STMicroelectronics STV9303 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS (CLIPWATT Pin Connections)
Symbol
Parameter
PIns
Value
Unit
VS
Supply Voltage
10
35
V
VF, VO
Flyback Voltage
1-2
70
V
VI-
Amplifier Input Voltage
9
VS
V
IOP
Peak Output Current
1
1.5
A
I11
Flyback DC Current at VO < VS
11
100
mA
I11
Flyback Peak Current (f = 50 or 60Hz, Tfly < 1.5ms)
11
1.8
A
V3
Trigger Input Voltage
3
VS
V
Tstg
Storage Temperature
-40, +150
oC
Tj
Junction Temperature
Internally limited
THERMAL DATA
Symbol
Parameter
Value
Unit
Tpt
Junction Temperature at Thermal Shutdown
Typ.
140
oC
Tph
Thermal Protection Hysteresis
Typ.
25
oC
Rth (j-c)
Junction-case Thermal Resistance
CLIPWAT11
SIP10
Max.
Max.
3
10
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (CLIPWATT Pin Connections)
(VS = 35V, Tamb = 25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I2
Pin 2 Quiescent Current
I1 = 0, I11 = 0
16
36
mA
I10
Pin 10 Quiescent Current
I1 = 0, I11 = 0
15
30
mA
-I7
Ramp Generator Bias Current
V7 = 0
1
µA
-I7
Ramp Generator Current
V7 = 0, -I4 = 20
µA
18.5
20
21.5
µA
dI7/I7
Ramp Generator Linearity
V7 = 0 to 12V, -I4 = 20
µA
0.2
1
%
V1L
Out Saturation Voltage to GND
I1 = 0.1A
I1 = 1.25A
0.1
1.2
1
2.0
V
V
V1H
Out Saturation Voltage to VS
-I1 = 0.1A
-I1 = 1.25A
0.9
1.6
1.6
3.0
V
V
V4
Reference Voltage
-I4 = 20
µA
6.3
6.6
6.9
V
dV4/VS
Reference Voltage Drift versus VS
VS = 10V to 35V
1
2
mV/V
dV4/dI4
Reference Voltage Drift versus I4
I4 = 10
µA to 30µA
0.1
1
mV/
µA
VR
Internal Reference Voltage
4.15
4.40
4.65
V
VD11-10
Diode Fwd Voltage
ID = 1.25A
1.5
3
V
VD1-2
Diode Fwd Voltage
ID = 1.25A
1.5
3
V
GV
Output Stage Open Loop Gain
f = 100Hz
70
dB
Vfs
V10-11 Saturation Voltage
-I11 = 1.25A
1.5
3.0
V
V11
Pin 11 Saturation Voltage
I11 = 20mA
0.8
2
V
V3
Trigger Input Threshold
2.6
3.0
3.4
V
V8
Sawtooth Pedestall Voltage
1.85
V
I1
Peak-to-peak Operating Current Range
0.4
2.5
A
V7M
Max. Voltage on Pin 7
12
V
I7
Min. Discharging Current
5
mA
K1
Delay between end of Sync Pulse and beginning
of Sawtooth versus value of Capacitor on Pin 5
100
µs/nF
tdo
Max. Delay between end of Sync Pulse and
beginning of Sawtooth Capacitor charging
without Capacitor on Pin 5
210
µs
STV9303
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com