Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9303 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV9303
Description  PULSE DRIVEN VERTICAL BOOSTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9303 Datasheet(HTML) 4 Page - STMicroelectronics

  STV9303 Datasheet HTML 1Page - STMicroelectronics STV9303 Datasheet HTML 2Page - STMicroelectronics STV9303 Datasheet HTML 3Page - STMicroelectronics STV9303 Datasheet HTML 4Page - STMicroelectronics STV9303 Datasheet HTML 5Page - STMicroelectronics STV9303 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Sync Pulse (Pin 3)
Vertical Sawtooth on Pin 7 (Pin 5 NC with CLIPWATT or with SIP10)
Vertical Sawtooth on Pin 7 with Cd connected on Pin 5 (CLIPWATT only)
t d = (K1 . Cd) +
t
do
t
do
WAVEFORMS
THERMAL
PROTECTION
1
2
3
6
7
8
10
BUFFER
STAGE
VS
VOLTAGE
REGULATOR
POWER
AMP
CLOCK
PULSE
FLYBACK
GENERATOR
9
4
11
0.1
µF
1000
µF
35V
1N4001
10 0
µF
35V
180k
Ω
220k
Ω
1.5
Ω
330
Ω
0.22
µF
2.7k
Ω
YOKE
1
Ω
1000
µF
25V
TRIG. INP
RAMP
GENERATOR
5
= 30V
YOKE
Ry = 12.5
Ω
Ly = 25mH
Iy = 1.6App
10 0
µF
25V
2.7k
Ω
2.2k
Ω
8.2k
Ω
56k
Ω
100k
Ω
100nF
*
*
Cd optional to adjust sawtooth start delay
APPLICATION CIRCUIT (CLIPWATT)
STV9303
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com