Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT2016R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2016R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2016R Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2016R Datasheet HTML 1Page - Renesas Technology Corp HAT2016R Datasheet HTML 2Page - Renesas Technology Corp HAT2016R Datasheet HTML 3Page - Renesas Technology Corp HAT2016R Datasheet HTML 4Page - Renesas Technology Corp HAT2016R Datasheet HTML 5Page - Renesas Technology Corp HAT2016R Datasheet HTML 6Page - Renesas Technology Corp HAT2016R Datasheet HTML 7Page - Renesas Technology Corp HAT2016R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HAT2016R
Rev.10.00 Sep 07, 2005 page 4 of 7
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
0.10
0.08
0.02
0.04
0.06
–40
0
40
80
120
160
0
ID = 1 A, 2 A, 5 A
1 A, 2 A, 5 A
10 V
VGS = 4 V
0.2
0.5
1
2
5
10
20
20
10
2
5
1
0.2
0.5
25°C
Tc = –25°C
75°C
Pulse Test
VDS = 10 V
Pulse Test
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
0.2
0.5
1
2
5
10
20
500
200
100
20
50
10
5
di / dt = 20 A /
µs
VGS = 0, Ta = 25°C
010
20
30
40
50
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
50
0
10
20
30
40
0
20
8
1624
3240
0
4
8
12
16
VGS
VDS
VDD = 5 V
10 V
25 V
VDD = 25 V
10 V
5 V
ID = 6.5 A
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
20
0
4
8
12
16
0
0.4
0.8
1.2
1.6
2.0
VGS = 0, –5 V
5 V
Pulse Test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com