Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT2016R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2016R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2016R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2016R Datasheet HTML 1Page - Renesas Technology Corp HAT2016R Datasheet HTML 2Page - Renesas Technology Corp HAT2016R Datasheet HTML 3Page - Renesas Technology Corp HAT2016R Datasheet HTML 4Page - Renesas Technology Corp HAT2016R Datasheet HTML 5Page - Renesas Technology Corp HAT2016R Datasheet HTML 6Page - Renesas Technology Corp HAT2016R Datasheet HTML 7Page - Renesas Technology Corp HAT2016R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT2016R
Rev.10.00 Sep 07, 2005 page 3 of 7
Main Characteristics
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Note 5:
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
4.0
0
1.0
2.0
3.0
0
50
100
150
200
100
30
10
3
1
0.3
0.1
0.03
0.01
0.1
0.3
1
3
10
30
100
20
0
4
8
12
16
02
4
6
8
10
10 V
6 V
3 V
4.5 V
3.5 V
VGS = 2.5 V
4 V
5 V
20
0
4
8
12
16
01
2
3
4
5
Tc = –25°C
75°C
25°C
1 Drive
Operation
Operation in
this area is
limited by RDS (on)
Pulse Test
VDS = 10 V
Pulse Test
Test Condition:
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
Ta = 25°C
1 shot Pulse
1 Drive Operation
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
0.5
0
0.1
0.2
0.3
0.4
0246810
2 A
1 A
ID = 5 A
0.2
0.5
1
2
5
10
20
0.5
0.2
0.1
0.02
0.05
0.01
0.005
10 V
VGS = 4 V
Pulse Test
Pulse Test
DC
Operation
(PW
≤ 10
s)
PW
=
10
ms
Note
5
1 ms
100
µs
10
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com