Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9423 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV9423
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9423 Datasheet(HTML) 2 Page - STMicroelectronics

  STV9423 Datasheet HTML 1Page - STMicroelectronics STV9423 Datasheet HTML 2Page - STMicroelectronics STV9423 Datasheet HTML 3Page - STMicroelectronics STV9423 Datasheet HTML 4Page - STMicroelectronics STV9423 Datasheet HTML 5Page - STMicroelectronics STV9423 Datasheet HTML 6Page - STMicroelectronics STV9423 Datasheet HTML 7Page - STMicroelectronics STV9423 Datasheet HTML 8Page - STMicroelectronics STV9423 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PIN DESCRIPTION
Symbol
Pin Number
I/O
Description
SDIP24
DIP16
PWM0
1
-
O
DAC0 Output
PWM1
2
-
O
DAC1 Output
FBLK
3
1
O
Fast Blanking Output
V-SYNC
4
2
I
Vertical Sync Input
H-SYNC
5
3
I
Horizontal Sync Input
VDD
6
4
S
+5V Supply
PXCK
7
5
O
Pixel Frequency Output
CKOUT
8
6
O
Clock Output
XTAL OUT
9
7
O
Crystal Output
XTAL IN
10
8
I
Crystal or Clock Input
PWM2
11
-
O
DAC2 Output
PWM3
12
-
O
DAC3 Output
PWM4
13
-
O
DAC4 Output
PWM5
14
-
O
DAC5 Output
SCL
15
9
I
Serial Clock
SDA
16
10
I/O
Serial Input/output Data
RESET
17
11
I
Reset Input (Active Low)
GND
18
12
S
Ground
R
19
13
O
Red Output
G
20
14
O
Green Output
B
21
15
O
Blue Output
TEST
22
16
I
Reserved (grounded in Normal Operation)
PWM6
23
-
O
DAC6 Output
PWM7
24
-
O
DAC7 Output
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
24
23
22
21
11
12
PWM7
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
SDA
SCL
GND
FBLK
B
G
R
RESET
VSYNC
HSYNC
CKOUT
XTAL IN
XTAL OUT
TEST
V
DD
PXCK
SDIP24 (STV9422)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
FBLK
V-SYNC
H-SYNC
PXCK
CKOUT
XTAL OUT
XTAL IN
V
DD
TEST
B
G
R
GND
RESET
SDA
SCL
DIP16 (STV9424)
STV9422 - STV9424
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com