Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9423 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9423
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9423 Datasheet(HTML) 5 Page - STMicroelectronics

  STV9423 Datasheet HTML 1Page - STMicroelectronics STV9423 Datasheet HTML 2Page - STMicroelectronics STV9423 Datasheet HTML 3Page - STMicroelectronics STV9423 Datasheet HTML 4Page - STMicroelectronics STV9423 Datasheet HTML 5Page - STMicroelectronics STV9423 Datasheet HTML 6Page - STMicroelectronics STV9423 Datasheet HTML 7Page - STMicroelectronics STV9423 Datasheet HTML 8Page - STMicroelectronics STV9423 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TIMINGS
Symbol
Parameter
Min.
Typ.
Max.
Unit
OSCILATOR INPUT : XTI (see Figure 2)
tWH
Clock High Level
20
ns
tWL
Clock Low Level
20
ns
fXTAL
Clock Frequency
6
15
MHz
fPXL
Pixel Frequency
40
MHz
RESET
tRES
Reset Low Level Pulse
4
µs
R, G, B, FBLK (CLOAD = 30pF)
tR
Rise Time (Note 1)
5
ns
tF
Fall Time (Note 1)
5
ns
tSKEW
Skew between R, G, B, FBLK (Note 1)
5
ns
I
2C INTERFACE : SDA AND SCL (see Figure 3)
fSCL
SCL Clock Frequency
0
1
MHz
tBUF
Time the bus must be free between 2 access
500
ns
tHDS
Hold Time for Start Condition
500
ns
tSUP
Set up Time for Stop Condition
500
ns
tLOW
The Low Period of Clock
400
ns
tHIGH
The High Period of Clock
400
ns
tHDAT
Hold Time Data
0
ns
tSUDAT
Set up Time Data
375
ns
tF
Fall Time of SDA
20
ns
tR
Rise Time of Both SCL and SDA
Depend on the pull-up resistor
and the load capacitance
Note 1 : These parameters are not tested on each unit. They are measured during our internal qualification procedure which includes
characterization on batches comming from corners of our processes and also temperature characterization.
XTI
t
WH
t
WL
Figure 2
SDA
t
BUF
SCL
t
HDAT
S TOP
S TAR T
DATA
S TOP
t
SUDAT
t
HDS
t
SUP
t
HIGH
t
LOW
Figure 3
STV9422 - STV9424
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com