Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVD901J Datasheet(PDF) 2 Page - STMicroelectronics

Part # STVD901J
Description  VARICAP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVD901J Datasheet(HTML) 2 Page - STMicroelectronics

  STVD901J Datasheet HTML 1Page - STMicroelectronics STVD901J Datasheet HTML 2Page - STMicroelectronics STVD901J Datasheet HTML 3Page - STMicroelectronics STVD901J Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STVD901J
2/4
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
500
°C/W
THERMAL RESISTANCE
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR
Continuous reverse current
VR =6V
10
nA
STATIC ELECTRICAL CHARACTERISTICS (Tj = 25°C otherwise specified)
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
Ct
Diode capacitance
VR = 0.25 V
f = 1 MHz
3.6
4
4.4
pF
rf
Diode series resistance
VR = 1V
f = 100 MHz
0.5
Ohm
Ls
Series inductance
1.5
nH
Cd (0.25 V)
/ Cd (2.7 V)
Capacitance ratio
f = 1 MHz
2
ELECTRICAL CHARACTERISTICS
I (µA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0.0
2.0
4.0
6.0
8.0
10.0
Tj=125°C
Tj=100°C
Tj=75°C
Tj=25°C
V (V)
R
Fig. 1: Reverse leakage current versus reverse
voltage applied (typical values).
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
T (°C)
j
V =6V
R
I [T ] / I [T =25°C)
Rj
Rj
Fig. 2: Relative variation of reverse leakage cur-
rent versus junction temperature (typical values).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com