Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVD901J Datasheet(PDF) 3 Page - STMicroelectronics

Part # STVD901J
Description  VARICAP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVD901J Datasheet(HTML) 3 Page - STMicroelectronics

  STVD901J Datasheet HTML 1Page - STMicroelectronics STVD901J Datasheet HTML 2Page - STMicroelectronics STVD901J Datasheet HTML 3Page - STMicroelectronics STVD901J Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STVD901J
3/4
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V (V)
R
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Fig. 3: Junction capacitance versus reverse
voltage applied (typical values).
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-40
-20
0
20
40
60
80
100
120
140
C[T ] / C [T =25°C]
jj
F=1MHz
V
=30mV
OSC
RMS
V =0V
R
V =2.7V
R
V =0.25V
R
T (°C)
j
Fig. 4: Relative variation of junction capacitance
versus junction temperature (typical values).
0
1
10
0.1
1.0
10.0
V (V)
R
Rs( )
Ω
F=100MHz
V
=100mV
T =25°C
OSC
RMS
j
Fig. 5: Serie resistance versus reverse voltage ap-
plied (typical values).
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
S(mm )
2
R
(°C/W)
th(j-a)
Fig. 6: Thermal resistance junction to ambient ver-
sus copper surface under each lead (printed circuit
board, epoxy FR4, Cu=35µm).
Fig. 7: PSpice parameters.
Diode parameters
Parameters
Value
Unit
Is
1.892e-8
A
N
1.256
Rs
0.62
Ω
Isr
8.090e-10
A
Cjo
5.178e-12
F
M
0.638
Vj
0.487
V
All others available parameters are set to default.
Ls = 1.5nH *
* Ls depends on package; this value is for SOD-323.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com