Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7N1002LS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H7N1002LS
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N1002LS Datasheet(HTML) 4 Page - Renesas Technology Corp

  H7N1002LS Datasheet HTML 1Page - Renesas Technology Corp H7N1002LS Datasheet HTML 2Page - Renesas Technology Corp H7N1002LS Datasheet HTML 3Page - Renesas Technology Corp H7N1002LS Datasheet HTML 4Page - Renesas Technology Corp H7N1002LS Datasheet HTML 5Page - Renesas Technology Corp H7N1002LS Datasheet HTML 6Page - Renesas Technology Corp H7N1002LS Datasheet HTML 7Page - Renesas Technology Corp H7N1002LS Datasheet HTML 8Page - Renesas Technology Corp H7N1002LS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
H7N1002LD, H7N1002LS, H7N1002LM
Rev.7.00 Apr 07, 2006 page 4 of 8
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
40
–40
0
40
80
120
160
0
8
16
24
32
10 V
VGS = 4.5 V
50 A
ID = 10 A, 20 A
50 A
10 A, 20 A
Pulse Test
0.01
0.1
1
10
10
200
100
1
0.1
0.02
75°C
25°C
100
VDS = 10 V
Pulse Test
Reverse Drain Current
IDR (A)
Body to Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nc)
Dynamic Input Characteristics
Drain Current
ID (A)
Switching Characteristics
1
0.1
0.3
3
10
30
100
100
50
20
10
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
010
20
30
40
50
500
1000
5000
2000
100
50
200
20
10000
20000
200
0
20
80
160
240
320
400
0
4
8
12
16
0
40
80
120
160
ID = 75 A
VGS
VDS
1000
100
300
30
10
1
3
0.1
0.3
3
10
100
30
1
tr
td(on)
td(off)
tf
VDD = 80 V
50 V
25 V
VDD = 25 V
50 V
80 V
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
Tc = –25°C
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty ≤ 1 %
Rg = 4.7
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com