Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7N1002LS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H7N1002LS
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N1002LS Datasheet(HTML) 3 Page - Renesas Technology Corp

  H7N1002LS Datasheet HTML 1Page - Renesas Technology Corp H7N1002LS Datasheet HTML 2Page - Renesas Technology Corp H7N1002LS Datasheet HTML 3Page - Renesas Technology Corp H7N1002LS Datasheet HTML 4Page - Renesas Technology Corp H7N1002LS Datasheet HTML 5Page - Renesas Technology Corp H7N1002LS Datasheet HTML 6Page - Renesas Technology Corp H7N1002LS Datasheet HTML 7Page - Renesas Technology Corp H7N1002LS Datasheet HTML 8Page - Renesas Technology Corp H7N1002LS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
H7N1002LD, H7N1002LS, H7N1002LM
Rev.7.00 Apr 07, 2006 page 3 of 8
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
200
0
0
100
150
50
100
150
200
50
0246
8
10
3.4 V
50
3.6 V
50
20
40
0
10
30
01234
5
–25°C
25°C
Tc = 75°C
VDS = 10 V
Pulse Test
Pulse Test
VGS = 3 V
10
30
20
0
40
0.1
0.3
1
3
30
10
100 300
1000
300
100
30
10
3
0.3
0.1
0.03
1
Ta = 25°C
DC Operation
(Tc = 25°C)
PW = 10 ms
(1shot)
1 ms
100
µs
10
µs
Operation in
this area is
limited by RDS(on)
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
220
50
5
50
0.5
10
200
10
1
2
5
20
100
VGS = 4.5 V
10 V
Pulse Test
0
5
10
15
20
1.0
0.8
0.6
0.4
0.2
0
4 V
ID = 50 A
20 A
10 A
Pulse Test
10 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com