Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16174P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA16174P
Description  Power Factor Correction Controller IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16174P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA16174P Datasheet HTML 1Page - Renesas Technology Corp HA16174P Datasheet HTML 2Page - Renesas Technology Corp HA16174P Datasheet HTML 3Page - Renesas Technology Corp HA16174P Datasheet HTML 4Page - Renesas Technology Corp HA16174P Datasheet HTML 5Page - Renesas Technology Corp HA16174P Datasheet HTML 6Page - Renesas Technology Corp HA16174P Datasheet HTML 7Page - Renesas Technology Corp HA16174P Datasheet HTML 8Page - Renesas Technology Corp HA16174P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
HA16174P/FP
Rev.1.00 Jan 06, 2006 page 2 of 36
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
VCC
SS
EO
FB
IAC
PG
CT
RT
16
15
14
13
12
11
10
9
OUT
GND
DELAY
PGADJ
PFC-ON
VREF
CAO
CS
Pin Description
Pin No.
Pin Name
I/O
Function
1
OUT
Output
Power MOS FET gate driver output
2
GND
—
Ground
3
DELAY
Input/Output
PG start up delay time and hold time adjust and IC shut down
4
PGADJ
Input
PG off threshold voltage input
5
PFC-ON
Input
PFC function on/off signal input
6
VREF
Output
Reference voltage output
7
CAO
Output
Current control error amplifier output
8
CS
Input/Output
Current sense signal input
9
RT
Input/Output
Timing resistor for operational frequency adjust
10
CT
Output
Timing capacitor for operational frequency adjust
11
PG
Output
Power good signal output (open drain output)
12
IAC
Input
Multiplier reference current input
13
FB
Input
Voltage control error amplifier input
14
EO
Output
Voltage control error amplifier output
15
SS
Output
Timing capacitor for soft start time adjust
16
VCC
Input
Power supply voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com