Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16174P Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA16174P
Description  Power Factor Correction Controller IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16174P Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA16174P Datasheet HTML 17Page - Renesas Technology Corp HA16174P Datasheet HTML 18Page - Renesas Technology Corp HA16174P Datasheet HTML 19Page - Renesas Technology Corp HA16174P Datasheet HTML 20Page - Renesas Technology Corp HA16174P Datasheet HTML 21Page - Renesas Technology Corp HA16174P Datasheet HTML 22Page - Renesas Technology Corp HA16174P Datasheet HTML 23Page - Renesas Technology Corp HA16174P Datasheet HTML 24Page - Renesas Technology Corp HA16174P Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
HA16174P/FP
Rev.1.00 Jan 06, 2006 page 21 of 36
(3) PFC Shutdown
By forcibly lowering the PFC-ON pin to 0.95 V, the PFC operation can be stopped even during the hold period.
Output on the OUT pin is stopped, the SS pin is reset, and the PFC operation stops. When the PFC-ON pin is driven
higher than 1.75 V, the IC is restarted in a soft-start operation.
Soft start
0.95 V
1.75 V
Full-wave rectified AC
PFC-ON
OUT
PFC output voltage
SS
Figure 8 PFC Shutdown Function Operation Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com