Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17903AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA17903AFP
Description  Dual Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17903AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

  HA17903AFP Datasheet HTML 1Page - Renesas Technology Corp HA17903AFP Datasheet HTML 2Page - Renesas Technology Corp HA17903AFP Datasheet HTML 3Page - Renesas Technology Corp HA17903AFP Datasheet HTML 4Page - Renesas Technology Corp HA17903AFP Datasheet HTML 5Page - Renesas Technology Corp HA17903AFP Datasheet HTML 6Page - Renesas Technology Corp HA17903AFP Datasheet HTML 7Page - Renesas Technology Corp HA17903AFP Datasheet HTML 8Page - Renesas Technology Corp HA17903AFP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HA17903A Series
Rev.1.00 Mar 10, 2006 page 7 of 8
Package Dimensions
( Ni/Pd/Au plating )
5
8
4
1
3
p
1
e
D
b
b
e
Z
c
0.89
θ
2.54
1.27
0.48
0.40
7.4
10.6
15°
0°
2.79
2.54
2.29
0.31
0.25
0.19
1.30
0.56
0.5
e1
L
e
θ
c
bp
A
E
D
b3
Z
A1
5.06
6.30
9.60
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
7.62
P-DIP8-6.3x9.6-2.54
0.54g
MASS[Typ.]
DP-8FV
PRDP0008AF-B
RENESAS Code
JEITA Package Code
Previous Code
A
L
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
4.85
1.05
0.12
0°
8°
6.5
0.15 0.20 0.25
0.45
0.00
0.1
0.20
4.4
0.42 0.60 0.85
2.03
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
5.25
A1
0.35
0.4
6.75
6.35
1.27
0.15
0.75
5
8
4
F
*1
*3
p
M
x
y
1
Index mark
Z
b
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP8-4.4x4.85-1.27
0.1g
MASS[Typ.]
FP-8DGV
PRSP0008DE-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com