Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17903AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA17903AFP
Description  Dual Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17903AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

  HA17903AFP Datasheet HTML 1Page - Renesas Technology Corp HA17903AFP Datasheet HTML 2Page - Renesas Technology Corp HA17903AFP Datasheet HTML 3Page - Renesas Technology Corp HA17903AFP Datasheet HTML 4Page - Renesas Technology Corp HA17903AFP Datasheet HTML 5Page - Renesas Technology Corp HA17903AFP Datasheet HTML 6Page - Renesas Technology Corp HA17903AFP Datasheet HTML 7Page - Renesas Technology Corp HA17903AFP Datasheet HTML 8Page - Renesas Technology Corp HA17903AFP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HA17903A Series
Rev.1.00 Mar 10, 2006 page 8 of 8
5
8
4
F
*1
*3
p
M
x
y
1
Index mark
D
Z
b
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
0.75
0.10
1.27
5.80
6.20
0.40
0.34
A1
5.30
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.75
1.27
0.60
0.40
3.95
0.25
0.14
0.10
0.46
0.25
0.20
0.15
6.10
8°
0°
0.25
1.08
4.90
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP8-3.95x4.9-1.27
0.085g
MASS[Typ.]
FP-8DCV
PRSP0008DD-C
RENESAS Code
JEITA Package Code
Previous Code
A
L
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
3.00
1.00
0.13
0°
8°
6.40
0.10 0.15 0.20
0.25
0.03 0.07 0.10
4.40
0.40 0.50 0.60
1.10
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
3.30
A1
0.15 0.20
6.60
6.20
0.65
0.10
0.805
*1
85
Index mark
14
*3
p
M
x
y
F
D
Z
b
Detail F
1
L
L
θ
p
Terminal cross section
( Ni/Pd/Au plating )
b
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-TSSOP8-4.4x3-0.65
0.034g
MASS[Typ.]
TTP-8DAV
PTSP0008JC-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com