Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35076-XXXSP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35076-XXXSP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35076-XXXSP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35076-XXXSP Datasheet HTML 1Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 2Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
DESCRIPTION
The M35076-XXXSP is a character pattern display control IC can
display on the digital camera, the digital video, the digital televi-
sion, the CRT display, the liquid crystal display and the plasma
display. It can display 2 pages ( 24 characters
× 12 lines per 1
page) at the same time. It uses a silicon gate CMOS process and
it housed in a 20-pin shrink DIP package (M35076-XXXSP).
For M35076-001SP that is a standard ROM version of M35076-
XXXSP respectively, the character pattern is also mentioned.
FEATURES
• Screen composition ................ 24 characters × 12 lines × 2 pages
• Number of characters displayed.................. 288 (Max.) × 2 pages
• Character composition .....................................12 ✕ 18 dot matrix
• Characters available.................................. 0 page:256 characters
1 page:256 characters
• Character sizes available ....................4 (vertical) ✕ 2 (horizontal)
• Display locations available
Horizontal direction .............................................. 2007 locations
Vertical direction .................................................. 1023 locations
• Blinking .................................................................. Character units
Cycle : division of vertical synchronization signal into 32 or 64
Duty
: 25%, 50%, or 75%
• Data input .................................. By the 16-bit serial input function
................ By the I2C-BUS serial input function(at VDD=5V only)
• Coloring for ROM character
Character color ..................................... 8 colors (Character unit)
Background coloring ............................. 8 colors (Character unit)
Border (shadow) coloring ........................ 8 colors (RGB output)
Specified by register
Raster coloring ........................................ 8 colors (RGB output)
Specified by register
• Blanking
Character size blanking
Border size blanking
Matrix-outline blanking
All blanking (all raster area)
• Output ports
8 shared output ports (toggled between RGB output)
• Display RAM erase function
• Display oscillation stop function
<VDD=5V>
• Display input frequency range
External clock mode 1 ..................... FOSC = 6.3 MHz to 80.0 MHz
External clock mode 2 ................. FOSC = 20.0 MHz to 110.0 MHz
Internal clock mode ..................... FOSC = 20.0 MHz to 110.0 MHz
• Horizontal synchronous input frequency
........................................................ H.sync = 15 kHz to 130 kHz
<VDD=3V>
• Display input frequency range
External clock mode 1 ........................ FOSC = 6.3 MHz to 40 MHz
• Horizontal synchronous input frequency
.......................................................... H.sync = 15 kHz to 60 kHz
APPLICATION
Digital camera, Digital video, Digital television, CRT display, Liquid
crystal display, Plasma display
PIN CONFIGURATION (TOP VIEW)
Outline 20P4B
Rev.1.0
MITSUBISHI MICROCOMPUTERS
M35076-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT ←
VDD2
← VERT
← HOR
→ P5/B0
→ P4/G1
→ P3/G0
→ P2/R1
→ P1/R0
→ P0/BLNK0
VSS1
VSS2
AC →
CS →
SCK/SCL →
SIN/SDA ↔
TCK →
VDD1
P6/B1 ←
P7/BLNK1 ←



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com