Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35076-XXXSP Datasheet (PDF) - Renesas Technology Corp

M35076-XXXSP Datasheet PDF - Renesas Technology Corp
Part # M35076-XXXSP
Download  M35076-XXXSP Download
File Size   517.52 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35076-XXXSP Datasheet (PDF)

Go To PDF Page Download Datasheet
M35076-XXXSP Datasheet PDF - Renesas Technology Corp

Part # M35076-XXXSP
Download  M35076-XXXSP Click to download

File Size   517.52 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35076-XXXSP Datasheet (HTML) - Renesas Technology Corp


M35076-XXXSP Product details

DESCRIPTION

The M35076-XXXSP is a character pattern display control IC can display on the digital camera, the digital video, the digital television, the CRT display, the liquid crystal display and the plasma display. It can display 2 pages ( 24 characters × 12 lines per 1 page) at the same time. It uses a silicon gate CMOS process and it housed in a 20-pin shrink DIP package (M35076-XXXSP).

For M35076-001SP that is a standard ROM version of M35076- XXXSP respectively, the character pattern is also mentioned.



FEATURES

• Screen composition ................ 24 characters × 12 lines × 2 pages

• Number of characters displayed.................. 288 (Max.) × 2 pages

• Character composition ..................................... 12 ✕ 18 dot matrix

• Characters available.................................. 0 page:256 characters

                                                  1 page:256 characters

• Character sizes available .................... 4 (vertical) ✕ 2 (horizontal)

• Display locations available

   Horizontal direction .............................................. 2007 locations

   Vertical direction .................................................. 1023 locations

• Blinking .................................................................. Character units

   Cycle : division of vertical synchronization signal into 32 or 64

   Duty : 25%, 50%, or 75%

• Data input .................................. By the 16-bit serial input function

                            ................ By the I2C-BUS serial input function(at VDD=5V only)

• Coloring for ROM character

   Character color ..................................... 8 colors (Character unit)

   Background coloring .............................8 colors (Character unit)

   Border (shadow) coloring ........................ 8 colors (RGB output)

   Specified by register

   Raster coloring ........................................ 8 colors (RGB output)

                                                 Specified by register

• Blanking Character size blanking

   Border size blanking

   Matrix-outline blanking

   All blanking (all raster area)

• Output ports

   8 shared output ports (toggled between RGB output)

• Display RAM erase function

• Display oscillation stop function



• Display input frequency range

   External clock mode 1 ..................... FOSC = 6.3 MHz to 80.0 MHz

   External clock mode 2 ................. FOSC = 20.0 MHz to 110.0 MHz

   Internal clock mode ..................... FOSC = 20.0 MHz to 110.0 MHz

• Horizontal synchronous input frequency

   ........................................................ H.sync = 15 kHz to 130 kHz



• Display input frequency range

   External clock mode 1 ........................ FOSC = 6.3 MHz to 40 MHz

• Horizontal synchronous input frequency

   .......................................................... H.sync = 15 kHz to 60 kHz



APPLICATION

  Digital camera, Digital video, Digital television, CRT display, Liquid crystal display, Plasma display



 




Similar Part No. - M35076-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35070 MITSUBISHI-M35070 Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35070 RENESAS-M35070 Datasheet
539Kb / 42P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
logo
Mitsubishi Electric Sem...
M35070-002DP MITSUBISHI-M35070-002DP Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35070-002FP MITSUBISHI-M35070-002FP Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35070-XXXFP RENESAS-M35070-XXXFP Datasheet
539Kb / 42P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Similar Description - M35076-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35017-XXXSP RENESAS-M35017-XXXSP Datasheet
1Mb / 31P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com