Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet (PDF) - Renesas Technology Corp

M35074 Datasheet PDF - Renesas Technology Corp
Part # M35074
Download  M35074 Download
File Size   461.53 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35074 Datasheet (PDF)

Go To PDF Page Download Datasheet
M35074 Datasheet PDF - Renesas Technology Corp

Part # M35074
Download  M35074 Click to download

File Size   461.53 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35074 Datasheet (HTML) - Renesas Technology Corp


M35074 Product details

DESCRIPTION
The M35074-XXXSP is a character pattern display control IC can display on the digital camera, the digital video, the digital television, the CRT display, the liquid crystal display and the plasma display.

FEATURES
• Screen composition ................................ 24 characters ✕ 12 lines
• Number of characters displayed ................................... 288 (Max.)
• Character composition ..................................... 12 ✕ 18 dot matrix
• Characters available ..................... ROM character:511 characters
• Character sizes available .................... 4 (vertical) ✕ 4 (horizontal)
• Display locations available
   Horizontal direction .............................................. 4055 locations
   Vertical direction .................................................. 2047 locations
• Data input ........................................ By 24-bit serial input function
   ............. By the I2C-BUS serial input function (At only VDD = 5V)
• Coloring for character
   Character color ................................. 128 colors (Character unit)
   Background coloring ......................... 128 colors (Character unit)
   Border (shadow) coloring ................. 128 colors (unit of screen /
   character unit)
   Raster coloring ................................ 128 colors (unit of screen)
• Blanking for character
   Character size blanking
   Border size blanking
   Matrix-outline blanking
   All blanking (all raster area)
• Output ports
   8 shared output ports (toggled between CO0-CO6 and BLNK output)
• Display oscillation stop function
   <At VDD = 5V>
• Display input frequency range
   External clock mode 1 ........................ Fosc = 6.3 MHz to 80 MHz
   External clock mode 2 ........................ Fosc = 20 MHz to 120 MHz
   Internal clock mode ............................. Fosc = 20 MH to 120 MHz
• Horizontal synchronous input frequency range
   ........................................................ H.sync = 15 kHz to 130 kHz
   <At VDD = 3.3V>
• Display input frequency range
   External clock mode 1 ........................ Fosc = 6.3 MHz to 40 MHz
• Horizontal synchronous input frequency range
   .......................................................... H.sync = 15 kHz to 60 kHz

APPLICATION
   Digital camera, Digital video, Digital television, CRT display, Liquid crystal display, Plasma display




Similar Part No. - M35074

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35070 MITSUBISHI-M35070 Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35070 RENESAS-M35070 Datasheet
539Kb / 42P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
logo
Mitsubishi Electric Sem...
M35070-002DP MITSUBISHI-M35070-002DP Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35070-002FP MITSUBISHI-M35070-002FP Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35070-XXXFP RENESAS-M35070-XXXFP Datasheet
539Kb / 42P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Similar Description - M35074

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35017-XXXSP RENESAS-M35017-XXXSP Datasheet
1Mb / 31P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com