Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35074 Datasheet HTML 1Page - Renesas Technology Corp M35074 Datasheet HTML 2Page - Renesas Technology Corp M35074 Datasheet HTML 3Page - Renesas Technology Corp M35074 Datasheet HTML 4Page - Renesas Technology Corp M35074 Datasheet HTML 5Page - Renesas Technology Corp M35074 Datasheet HTML 6Page - Renesas Technology Corp M35074 Datasheet HTML 7Page - Renesas Technology Corp M35074 Datasheet HTML 8Page - Renesas Technology Corp M35074 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
CPOUT
VSS2
AC
CS
SCK/SCL
SIN/SDA
TCK
VDD1
P6/CO5
P7/CO6
VDD2
VERT
HOR
P5/CO4
P4/CO3
P3/CO2
P2/CO1
P1/CO0
P0/BLNK
VSS1
APPLICATION
Digital camera, Digital video, Digital television, CRT display, Liquid
crystal display, Plasma display
DESCRIPTION
The M35074-XXXSP is a character pattern display control IC can
display on the digital camera, the digital video, the digital televi-
sion, the CRT display, the liquid crystal display and the plasma
display.
A character color and a character background color can be cho-
sen from 128 kinds of colors per character.
It uses a silicon gate CMOS process and it housed in a 20-pin
shrink DIP package (M35074-XXXSP).
For M35074-002SP that is a standard ROM version of M35074-
XXXSP respectively, the character pattern is also mentioned.
FEATURES
Screen composition ................................ 24 characters ✕ 12 lines
Number of characters displayed................................... 288 (Max.)
Character composition .....................................12 ✕ 18 dot matrix
Characters available ..................... ROM character:511 characters
Character sizes available ....................4 (vertical) ✕ 4 (horizontal)
Display locations available
Horizontal direction .............................................. 4055 locations
Vertical direction .................................................. 2047 locations
Data input ........................................ By 24-bit serial input function
............. By the I2C-BUS serial input function (At only VDD = 5V)
Coloring for character
Character color ................................. 128 colors (Character unit)
Background coloring ......................... 128 colors (Character unit)
Border (shadow) coloring ................. 128 colors (unit of screen /
character unit)
Raster coloring ................................ 128 colors (unit of screen)
Blanking for character
Character size blanking
Border size blanking
Matrix-outline blanking
All blanking (all raster area)
Output ports
8 shared output ports (toggled between CO0-CO6 and BLNK output)
Display oscillation stop function
<At VDD = 5V>
Display input frequency range
External clock mode 1 ........................ Fosc = 6.3 MHz to 80 MHz
External clock mode 2 ........................ Fosc = 20 MHz to 120 MHz
Internal clock mode ............................. Fosc = 20 MH to 120 MHz
Horizontal synchronous input frequency range
........................................................ H.sync = 15 kHz to 130 kHz
<At VDD = 3.3V>
Display input frequency range
External clock mode 1 ........................ Fosc = 6.3 MHz to 40 MHz
Horizontal synchronous input frequency range
.......................................................... H.sync = 15 kHz to 60 kHz
Outline 20P4B
PIN CONFIGURATION (TOP VIEW)
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Rev.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com