Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 4Page - Renesas Technology Corp M35074 Datasheet HTML 5Page - Renesas Technology Corp M35074 Datasheet HTML 6Page - Renesas Technology Corp M35074 Datasheet HTML 7Page - Renesas Technology Corp M35074 Datasheet HTML 8Page - Renesas Technology Corp M35074 Datasheet HTML 9Page - Renesas Technology Corp M35074 Datasheet HTML 10Page - Renesas Technology Corp M35074 Datasheet HTML 11Page - Renesas Technology Corp M35074 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
7
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
DIV0
DIV1
DIV2
DIV3
DIV4
DIV5
DIV6
DIV7
DIV8
DIV9
DIV10
DIV11
DIVS0
DIVS1
DIVS2
TEST24
RSEL0
RSEL1
EXCK0
EXCK1
–
–
–
–
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Sets division value (multiply value) of horizontal oscillation frequency.
N1 =
(DIVn ✕ 2 )
N1 : division value (multiply value)
11
Σ
n = 0
n
For setting, see
"REGISTER SUPPLEMENTARY DESCRIPTION (2)".
Sets display frequency range.
For setting, see
"REGISTER SUPPLEMENTARY DESCRIPTION (2)".
Sets display frequency range.
Display clock setting
See "REGISTER SUPPLEMENTARY
DESCRIPTION (1)".
0
0
1
1
EXCK1
Display clock input
0
1
0
1
External clock mode 1
Internal clock mode
Can not be used.
External clock mode 2
EXCK0
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
DA
Function
Remarks
Register
Contents
Status
Sets display frequency by division value
(multiply value) setting.
For detail, see "REGISTER SUPPLEMENTARY
DESCRIPTION (1)".
Also, set the display frequency range by registers
DIVS0, DIVS1, DIVS2, RSEL0 and RSEL1(address 12016)
in accordance with the display frequency.
Any of this settings above is required only when
EXCK1 = 0, EXCK0 = 1 and EXCK1 = 1, EXCK0 = 1.
REGISTERS DESCRIPTION
(1) Address 12016
Note: The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com