Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 18Page - Renesas Technology Corp M35074 Datasheet HTML 19Page - Renesas Technology Corp M35074 Datasheet HTML 20Page - Renesas Technology Corp M35074 Datasheet HTML 21Page - Renesas Technology Corp M35074 Datasheet HTML 22Page - Renesas Technology Corp M35074 Datasheet HTML 23Page - Renesas Technology Corp M35074 Datasheet HTML 24Page - Renesas Technology Corp M35074 Datasheet HTML 25Page - Renesas Technology Corp M35074 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
21
Fig. 7 Example of data setting
DATA INPUT EXAMPLE
Data of display RAM and display control registers can be set by
the 24-bit serial input function or the I2C-BUS serial input function.
Example of data setting is shown in Figure 7 (at EXCK0 = "1",
EXCK1 = "0" setting).
Notes 1 : Input a horizontal synchronous signal into the HOR pin and a vertical synchronous signal into the VERT pin.
2 : Matrix-outline display in this data.
3:
____
Secure the waiting time of 200ms after releasing AC, and set data from setting the display frequency (setting of the register).
4 : Set data to Display RAM at internal clock (display clock) is stabilized.
Example of the M35074-XXXSP Data input setting (at EXCK0 =“1”, EXCK1 =“0”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com