Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 25Page - Renesas Technology Corp M35074 Datasheet HTML 26Page - Renesas Technology Corp M35074 Datasheet HTML 27Page - Renesas Technology Corp M35074 Datasheet HTML 28Page - Renesas Technology Corp M35074 Datasheet HTML 29Page - Renesas Technology Corp M35074 Datasheet HTML 30Page - Renesas Technology Corp M35074 Datasheet HTML 31Page - Renesas Technology Corp M35074 Datasheet HTML 32Page - Renesas Technology Corp M35074 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
28
Parameter
Symbol
fCLK
tHIGH
tLOW
tR
tF
tHD : STA
tSU : STA
tHD : DAT
tSU : DAT
tSU : STO
tBUF
tSP
Clock frequency
HIGH period of Clock
LOW period of Clock
SDA & SCL rise time
SDA & SCL fall time
Hold time at START status
Set up time at START status
Data input hold time
Data input setup time
Set up time at STOP state
Bus release time
Input filter / spike suppress (SDA & SCL pin)
Min.
0
4000
4700
–
–
4000
4700
0
250
4000
4700
N/A
Max.
100
–
–
1000
300
–
–
–
–
–
–
N/A
Min.
0
600
1300
20+(Note)
0.1CB
20+(Note)
0.1CB
600
600
0
100
600
1300
0
Max.
400
–
–
300
300
–
–
–
–
–
–
50
Unit
Limits
Typ. mode
High-speed mode
KHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Remarks
Note: CB = total capacitance of 1 bus line.
(3) TIMING REQUIREMENTS
Data input
Time must be re-
leased bus before
next transmission
Only at START state
repeating generation
Fig.16 Data input timing
SCL
SDA
tSP
tsu : STA
tHD : STA
tHD : DAT
tSU : DAT
tF
tHIGH
tLOW
tR
tSU : STO
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com