Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 10Page - Renesas Technology Corp M35074 Datasheet HTML 11Page - Renesas Technology Corp M35074 Datasheet HTML 12Page - Renesas Technology Corp M35074 Datasheet HTML 13Page - Renesas Technology Corp M35074 Datasheet HTML 14Page - Renesas Technology Corp M35074 Datasheet HTML 15Page - Renesas Technology Corp M35074 Datasheet HTML 16Page - Renesas Technology Corp M35074 Datasheet HTML 17Page - Renesas Technology Corp M35074 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
13
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
RC0
RC1
RC2
RC3
RC4
RC5
RC6
FC0
FC1
FC2
FC3
FC4
FC5
FC6
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
RO0–RO6 correspond to CO0–CO6 output, respectively.
FO0–FO6 correspond to CO0–CO6 output, respectively.
Raster color setting of all blankings.
Color setting of the border
display or the shadow display.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
DA
Function
Remarks
Register
Contents
Status
(7) Address 12616
Note: The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com