Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 9Page - Renesas Technology Corp M35074 Datasheet HTML 10Page - Renesas Technology Corp M35074 Datasheet HTML 11Page - Renesas Technology Corp M35074 Datasheet HTML 12Page - Renesas Technology Corp M35074 Datasheet HTML 13Page - Renesas Technology Corp M35074 Datasheet HTML 14Page - Renesas Technology Corp M35074 Datasheet HTML 15Page - Renesas Technology Corp M35074 Datasheet HTML 16Page - Renesas Technology Corp M35074 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
12
(6) Address 12516
Note: The mark
around the status value means the reset status by the "L" level is input to AC pin.
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
V1SZ0
V1SZ1
VSZ1L0
VSZ1L1
VSZ1H0
VSZ1H1
–
–
V18SZ0
V18SZ1
VSZ2L0
VSZ2L1
VSZ2H0
VSZ2H1
–
–
HSZ10
HSZ11
HSZ20
HSZ21
–
–
–
–
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
V1SZ0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
V1SZ1
0
0
1
1
H: Cycle with the horizontal synchronizing pulse
H: Cycle with the horizontal synchronizing pulse
VSZ1L0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
VSZ1L1
0
0
1
1
H: Cycle with the horizontal synchronizing pulse
VSZ1H0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
VSZ1H1
0
0
1
1
Character dot size setting in the vertical
direction for the 1st line.
(common to all lines)
Character dot size setting in the vertical
direction for the first line.
(effective only at LINn = "0").
H: Cycle with the horizontal synchronizing pulse
V18Z0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
V18Z1
0
0
1
1
H: Cycle with the horizontal synchronizing pulse
VSZ2L0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
VSZ2L1
0
0
1
1
H: Cycle with the horizontal synchronizing pulse
VSZ2H0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
VSZ2H1
0
0
1
1
Character dot size setting in the vertical
direction for the 18th line.
(common to all lines)
Character dot
size setting in the vertical
direction (display monitor for 2nd to 12th line)
(effective only at LINn = "0").
Character dot
size setting in the vertical
direction (display monitor for 2nd to 12th line)
(effective only at LINn = "0").
HSZ10
0
1
0
1
horizontal direction size
1T/dot
2T/dot
3T/dot
4T/dot
HSZ11
0
0
1
1
HSZ20
0
1
0
1
horizontal direction size
1T/dot
2T/dot
3T/dot
4T/dot
HSZ21
0
0
1
1
Character
size setting in the horizontal
direction for the first line.
T: Display frequency cycle.
Charcter size setting in the horizontal
direction for the 2nd line to 12th line.
T: Display frequency cycle.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
DA
Function
Remarks
Register
Contents
Status
Character dot size setting in the vertical
direction for the first line.
(effective only at LINn = "1").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com