Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 14Page - Renesas Technology Corp M35074 Datasheet HTML 15Page - Renesas Technology Corp M35074 Datasheet HTML 16Page - Renesas Technology Corp M35074 Datasheet HTML 17Page - Renesas Technology Corp M35074 Datasheet HTML 18Page - Renesas Technology Corp M35074 Datasheet HTML 19Page - Renesas Technology Corp M35074 Datasheet HTML 20Page - Renesas Technology Corp M35074 Datasheet HTML 21Page - Renesas Technology Corp M35074 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
17
(2) To set display frequency range
Whenever setting display frequency (when EXCK1 = "0",
EXCK0 = "1", or EXCK1 = "1", EXCK0 = "1"), always set the
display frequency range in accordance with the display
frequency. This range is set from DIVS0, DIVS1, DIVS2,
RSEL0 and RSEL1 (address 12016). Frequency ranges are
given here below.
(3) Notes on setting display frequency
To change external clock (display) frequency or horizontal syn-
chronization frequency, always use the following procedures.
To set EXCK1 = "0", EXCK0 = "1"
(a) Turn the display OFF. … DSPON (address 12716) = "0"
(b) Set the display frequency. … Set from DIV11 to
DIV0, DIVS0, DIVS1, DIVS2, RSEL0 and RSEL1 (ad-
dress 12016).
(c) Wait 20 ms while the horizontal synchronization signal is
being input.
(d) Turn the display ON. … DSPON (address 12716) = "1"
To set EXCK1 = "1", EXCK0 = "1"
(a) Turn the display OFF. … DSPON (address 12716) = "0"
(b) Set the display frequency. … Set from DIV11 to DIV0,
DIVS0, DIVS1, DIVS2, RSEL0 and RSEL1 (address
12016).
(c) Wait 20 ms while the horizontal synchronization signal
and external clock are being input.
(d) Turn the display ON. … DSPON (address 12716) = "1"
RSEL1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
RSEL0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
DIVS1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
DIVS0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
DIVS2
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
Display frequency range MHz
112.0 to 120.0
104.0 to 112.0
93.0 to 104.0
80.0 to 93.0
75.0 to 80.0
69.5 to 75.0
62.0 to 69.5
55.0 to 62.0
52.0 to 55.0
46.5 to 52.0
40.0 to 46.5
37.5 to 40.0
35.0 to 37.5
31.0 to 35.0
27.5 to 31.0
26.0 to 27.5
23.5 to 26.0
20.0 to 23.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com