Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 5 Page - Renesas Technology Corp

  M35074 Datasheet HTML 1Page - Renesas Technology Corp M35074 Datasheet HTML 2Page - Renesas Technology Corp M35074 Datasheet HTML 3Page - Renesas Technology Corp M35074 Datasheet HTML 4Page - Renesas Technology Corp M35074 Datasheet HTML 5Page - Renesas Technology Corp M35074 Datasheet HTML 6Page - Renesas Technology Corp M35074 Datasheet HTML 7Page - Renesas Technology Corp M35074 Datasheet HTML 8Page - Renesas Technology Corp M35074 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
4
Address
00016
00116
DAF
DAE
DAD
DAC
DAB
DAA
DA9
DA8
DA7
DA6
DA5
0
C7
C6
C5
0
C7
C6
C5
DA17
DA16
DA15
DA14
DA13
DA12
DA11
DA10
C8
C8
CC6
CC5
CC4
CC3
CC2
CC1
CC0
CC6
CC5
CC4
CC3
CC2
CC1
CC0
BC6
BC5
BC4
BC3
BC2
BC1
BC0
BC6
BC5
BC4
BC3
BC2
BC1
BC0
DA4
DA3
DA2
DA1
DA0
C4
C3
C2
C1
C0
C4
C3
C2
C1
C0
Character code
Character color
Background color
11E16
11F16
12016
12116
12216
12316
12416
12516
0
0
VP10
VP9
VP8
VP7
VP6
SYAD
BC6
BC5
BC4
BC6
BC5
BC4
EXCK0
EXCK1
BEAT14
12616
12716
12816
HSZ21
HSZ20
PTD7
PTD6
PTD5
PTD4
PTD3
VP5
VP4
VP3
VP2
VP1
VP0
DSP11
VSZ2H1 VSZH02
LIN17
LIN16
LIN15
LIN14
LIN13
HSZ11
HSZ10
TEST19
BLK1
BLK0
BCOL
CC6
CC5
CC4
CC3
CC2
CC6
CC5
CC4
CC3
CC2
BC3
BC2
BC1
BC0
BC3
BC2
BC1
BC0
DIV11
DIVS0
DIVS1
DIVS2
TEST24
RSEL0
RSEL1
HP11
FC6
FC5
FC4
FC3
TEST20
SPACE2 SPACE1
TEST11
TEST12
C7
C6
C5
C4
C3
C7
C6
C5
C4
C3
DIV10
DIV9
DIV8
DIV7
DIV6
DIV5
DIV4
DIV3
PTC7
PTC6
PTC5
PTC4
PTC3
PTD2
PTD1
PTD0
HP10
HP9
HP8
HP7
HP6
HP5
HP4
HP3
DSP10
DSP9
DSP8
DSP7
DSP6
DSP5
DSP4
DSP3
VS1L1Z
LIN9
LIN8
LIN7
LIN6
LIN5
LIN12
LIN11
LIN10
TEST13
C8
C8
CC1
CC0
CC1
CC0
RC6
RC5
RC4
RC3
FC2
FC1
FC0
TEST28 TEST27 TEST26 TEST10
TEST29 TEST22 TEST21
TEST14
TEST15
TEST16
TEST17
TEST30
DSPON
SPACE0
VSZ2L1 VSZ2L0 V18SZ1 V18SZ0
RAMERS
C2
C1
C0
C2
C1
C0
DIV2
DIV1
DIV0
PTC2
PTC1
PTC0
TEST3
TEST2
TEST1
TEST0
HP2
HP1
HP0
DSP2
DSP1
DSP0
V1SZ1
V1SZ0
LIN4
LIN3
LIN2
POLH
POLV
VMASK
B/F
RC2
RC1
RC0
VSZ1H1 VSZ1H0
VSZ1L0
MEMORY CONSTITUTION
Address 00016 to 11F16 are assigned to the display RAM, address
12016 to 12816 are assigned to the display control registers. The in-
ternal circuit is reset and all display control registers (address
12016 to 12816) are set to "0" when the AC pin level is "L". And
then, RAM is not erased and be undefinited. For detail, see "DATA
INPUT EXAMPLE". Memory constitution is shown in Figure 1.
Fig.1 Memory constitution (Display RAM, Display Control register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com