Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 3 Page - Renesas Technology Corp

  M35074 Datasheet HTML 1Page - Renesas Technology Corp M35074 Datasheet HTML 2Page - Renesas Technology Corp M35074 Datasheet HTML 3Page - Renesas Technology Corp M35074 Datasheet HTML 4Page - Renesas Technology Corp M35074 Datasheet HTML 5Page - Renesas Technology Corp M35074 Datasheet HTML 6Page - Renesas Technology Corp M35074 Datasheet HTML 7Page - Renesas Technology Corp M35074 Datasheet HTML 8Page - Renesas Technology Corp M35074 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
2
PIN DESCRIPTION
Symbol
CPOUT
VSS2
__
AC
__
CS
SCK/SCL
SIN/SDA
TCK
VDD1
P6/CO5
P7/CO6
VSS1
P0/BLNK
P1/CO0
P2/CO1
P3/CO2
P4/CO3
P5/CO4
HOR
VERT
VDD2
Input/
Output
Output
Input
Input
Input
Input
I/O
Input
Output
Output
Output
Output
Output
Output
Output
Output
Input
Input
Function
Filter output. Connect loop filter to this pin.
Connect to GND.
When “L”, this pin resets the internal IC circuit. Hysteresis input. Built-in pull-up resistor.
<At 24-bit serial communication>
This is the pin for chip select. Set to “L” level at serial data transmission. Hysteresis input.
Built-in pull-up resistor.
<At I2C-BUS communication>
Connect to “H.”
<At 24-bit serial communication>
__
SIN pin serial data is taken in when SCK rises at CS pin “L” level.
Hysteresis input.
<At I2C-BUS communication>
SDA pin serial data is taken in when SCL rises.
<At 24-bit serial communication>
This is the pin for serial input of display control register and display RAM data. Hysteresis
input.
<At I2C-BUS communication>
Hysteresis input. This is the pin for serial input of display control register and display
RAM data. Also, this pin output acknowledge signal.
This is the pin for external clock input.
Digtal power pin. Connect to +5V with the power pin.
This pin can be toggled between port pin output and CO5 signal pin.
This pin can be toggled between port pin output and CO6 signal pin.
Connect to GND using circuit earthing pin.
This pin can be toggled between port pin output and BLNK signal output.
This pin can be toggled between port pin output and CO0 signal output.
This pin can be toggled between port pin output and CO1 signal output.
This pin can be toggled between port pin output and CO2 signal output.
This pin can be toggled between port pin output and CO3 signal output.
This pin can be toggled between port pin output and CO4 signal output.
This pin inputs the horizontal synchronous signal. Hysteresis input.
This pin inputs the vertical synchronous signal. Hysteresis input.
Analog power pin. Connect to +5V with the power pin.
Pin name
Filter output
Earthing pin
Auto-clear input
Chip select input
Clock input
Data I/O
External clock input
Power pin
Port P6 output
Port P7 output
Earthing pin
Port P0 output
Port P1 output
Port P2 output
Port P3 output
Port P4 output
Port P5 output
Horizontal synchro-
nous signal input
Vertical synchro-
nous signal input
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com