Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 15Page - Renesas Technology Corp M35074 Datasheet HTML 16Page - Renesas Technology Corp M35074 Datasheet HTML 17Page - Renesas Technology Corp M35074 Datasheet HTML 18Page - Renesas Technology Corp M35074 Datasheet HTML 19Page - Renesas Technology Corp M35074 Datasheet HTML 20Page - Renesas Technology Corp M35074 Datasheet HTML 21Page - Renesas Technology Corp M35074 Datasheet HTML 22Page - Renesas Technology Corp M35074 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
18
DISPLAY FORM 1
(1) blanking mode
Character size
: Blanking same as the character size.
Border size
: Blanking the background as a size from character.
Matrix-outline size
: Blanking the background 12 ✕ 18 dot.
All blanking size
: When set register BCOL to "1", all raster area is blanking.
The display mode and blanking mode can be set line-by-line, as
follows, from registers BCOL, BLK1, BLK0, DSP0 to DSP11
(address 12316).
BCOL
BLK1
0
0
1
1
0
0
1
1
BLK0
0
1
0
1
0
1
0
1
0
1
Display mode
Matrix-outline border display
Character display
Border display
Matrix-outline display
Matrix-outline border display
Character display
Border display
Matrix-outline display
Blanking mode
Matrix-outline size
Character size
Border size
Matrix-outline size
All blanking size
Display mode
Matrix-outline display
Border display
Matrix-outline display
Character display
Matrix-outline display
Border display
Matrix-outline display
Character display
Blanking mode
Matrix-outline size
Border size
Matrix-outlinesize
Character size
All blanking size
Line of DSPn = "0"
Line of DSPn = "1"
Fig. 4 Display form
12 dots (Note 2)
12 dots
12 dots
12 dots (Note 2)
Scanning
<Register BCOL= 0 >
(Note 1)
C0—C6 output
BLNK0 output
color setting
Character color
: C0—C6 of display RAM
(Character unit)
Border color
: Register FC0—FC6
(Display unit)
Matrix-outline color: BC0—BC6 of display RAM
(Character unit)
(a) Matrix-outline and border
display (Matrix-outline size)
Character color : C0—C6 of display RAM
(Character unit)
Matrix-outline color : BC0—BC6 of display
RAM (Character unit)
(d) Matrix-outline display
(Matrix-outline size)
( ) is blanking mode.
Character color : C0—C6 of display RAM
(Character unit)
Border color : BC0—BC6 of display
RAM (Character unit)
(c) Border display
(Border size)
Character color : C0—C6 of display RAM
(Character unit)
(b) Character display
(Character size)
Note 1: When register BCOL is set to "1", the raster range of the display modes set respectively by BLK1 and BLK0 are colored by registers RC0—RC6 (address 12616).
And the blanking mode is set all blanking size (all raster size) regardless of the BLK1 and BLK0 settings.
2: The horizontal size of the full matrix-outline size can be set to 14 dots by register BETA14 (address 12316). BLNK0 can also be output at 14 dots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com