Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 7Page - Renesas Technology Corp M35074 Datasheet HTML 8Page - Renesas Technology Corp M35074 Datasheet HTML 9Page - Renesas Technology Corp M35074 Datasheet HTML 10Page - Renesas Technology Corp M35074 Datasheet HTML 11Page - Renesas Technology Corp M35074 Datasheet HTML 12Page - Renesas Technology Corp M35074 Datasheet HTML 13Page - Renesas Technology Corp M35074 Datasheet HTML 14Page - Renesas Technology Corp M35074 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35074-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
10
(4) Address 12316
The display modes of display screen inside n+1 line by DSPn
(n=0 to 11)
The display mode decided by the combination with registers
BLK1 and BLK0 (address 12316).
Settings are given below.
For detail, see "DISPLAY FORM 1 (1)".
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
DSP0
DSP1
DSP2
DSP3
DSP4
DSP5
DSP6
DSP7
DSP8
DSP9
DSP10
DSP11
BCOL
BLK0
BLK1
TEST19
BETA14
SYAD
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
BLK0
0
1
0
1
BLK1
0
0
1
1
(At register BCOL="0")
BLK0
0
1
0
1
BLK1
0
0
1
1
Display mode (blanking mode) settting
See "DISPLAY FORM 1 (1)".
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Matrix-outline display (12 ✕ 18 dot)
Matrix-outline display (14 ✕ 18 dot)
Border display of character
Shadow display of character
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
Fix to "0".
Can not be used.
All blanking (raster area) settting
DA
Function
Remarks
Register
Contents
Status
Display mode settting of line 1.
Display mode settting of line 2.
Display mode settting of line 3.
Display mode settting of line 4.
Display mode settting of line 5.
Display mode settting of line 6.
Display mode settting of line 7.
Display mode settting of line 8.
Display mode settting of line 9.
Display mode settting of line 10.
Display mode settting of line 11.
Display mode settting of line 12.
DSPn="0"
Matrix-outline border
Character
Border
Matrix-outline
DSPn="1"
Matrix-outline
Border
Matrix-outline
Charcter
Blanking mode
Matrix-outline size
Character size
Border size
Matrix-outline size
Effective at the time of Matrix-outline displays
and Matrix-outline border displays in the display mode.
The blanking of BLK1 and BLK0
Sets all blanking (raster area)
Note: The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com