Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35074 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M35074
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35074 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M35074 Datasheet HTML 36Page - Renesas Technology Corp M35074 Datasheet HTML 37Page - Renesas Technology Corp M35074 Datasheet HTML 38Page - Renesas Technology Corp M35074 Datasheet HTML 39Page - Renesas Technology Corp M35074 Datasheet HTML 40Page - Renesas Technology Corp M35074 Datasheet HTML 41Page - Renesas Technology Corp M35074 Datasheet HTML 42Page - Renesas Technology Corp M35074 Datasheet HTML 43Page - Renesas Technology Corp M35074 Datasheet HTML 44Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
Rev.
Rev.
No.
date
1.0
First Edition
0111
1.1
2nd Edition
0202
p10
BEFORE
AFTER
M35074-XXXSP Data Sheet
(1/1)
Revision Description
REVISION DESCRIPTION LIST
BLK1
0
1
0
1
BLK0
0
0
1
1
(At register BCOL="0")
DSPn="0"
Matrix-outline border
Character
Border
Matrix-outline
DSPn="1"
Matrix-outline
Border
Matrix-outline
Charcter
BLK0
0
1
0
1
BLK1
0
0
1
1
(At register BCOL="0")
DSPn="0"
Matrix-outline border
Character
Border
Matrix-outline
DSPn="1"
Matrix-outline
Border
Matrix-outline
Charcter
BLK1
0
1
0
1
BLK0
0
0
1
1
Blanking mode
Matrix-outline size
Character size
Border size
Matrix-outline size
BLK0
0
1
0
1
BLK1
0
0
1
1
Blanking mode
Matrix-outline size
Character size
Border size
Matrix-outline size
BEFORE
AFTER
1.2
3nd Edition
0204
p1 FEATURES Data input By 16-bit By 24-bit
____
p2 PIN DESCRIPTION CS, SCK/SCL, SIN/SDA Function <At 16-bit....> ➝ <At 24-bit....>
p14 (8) Address 12716 B Remarks “Refer to REGISTER.....” ➝ Deletion
p21 DATA INPUT EXAMPLE “the 24-bit serial input function or” ➝ Insertion
p24 DATA INPUT 1 (d) “16 bits” ➝ “24 bits”, Fig.11 (16 bits) ➝ (24 bits)
SERIAL DATA INPUT TIMING (d) “16 bits” ➝ “24 bits”
p25 Table Data input tword Limits “10” ➝ “14”,
Fig.12 SCK “12,13,14,15,16” ➝ “20,21,22,23,24”
p27 (2) Data input (Sequence) (d) “16 bits” ➝ “24 bits”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com