Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet (PDF) - Renesas Technology Corp

M35070 Datasheet PDF - Renesas Technology Corp
Part # M35070
Download  M35070 Download
File Size   539.99 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35070 Datasheet (PDF)

Go To PDF Page Download Datasheet
M35070 Datasheet PDF - Renesas Technology Corp

Part # M35070
Download  M35070 Click to download

File Size   539.99 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35070 Datasheet (HTML) - Renesas Technology Corp


M35070 Product details

DESCRIPTION
The M35070-XXXSP/FP is a character pattern display control IC can display on the CRT display the liquid crystal display and the plasma display. It can display 2 pages (24 characters ✕12 lines per 1 page) at the same time. It uses a silicon gate CMOS process and it housed in a 20-pin shrink DIP package (M35070-XXXSP) or a 20-pin shrink SOP package (M35070-XXXFP).
For M35070-002SP/FP that is a standard ROM version of M35070-XXXSP/FP respectively, the character pattern is also mentioned.

FEATURES
• Screen composition ................ 24 characters ✕12 lines ✕2 pages
• Number of characters displayed.................. 288 (Max.) ✕2 pages
• Character composition ..................................... 12 ✕18 dot matrix
• Characters available................................ page 0 : 256 characters
                                                              page 1 : 256 characters
• Character sizes available ................... 4 (vertic al) ✕2 (horizontal)
• Display locations available
   Horizontal direction .............................................. 2007 locations
   Vertical direction .................................................. 1023 locations
• Blinking .................................................................. Character units
   Cycle : division of vertical synchronization signal into 32 or 64
   Duty : 25%, 50%, or 75%
• Data input ............................. By the I2C-BUS serial input function
• Coloring
   Character color ..................................................... Character unit
   Background coloring .............................................Character unit
   Border (shadow) coloring ........................ 8 colors (RGB output)
                                                                Specified by register
   Raster coloring ........................................ 8 colors (RGB output)
      Specified by register
• Blanking
   Character size blanking
   Border size blanking
   Matrix-outline blanking
   All blanking (all raster area)
• Output ports
   4 shared output ports (toggled between RGB output)
   4 dedicated output ports
• Display RAM erase function
• Display input frequency range ............... FOSC = 20MHz to 90MHz
• Horizontal synchronous input frequency
   ........................................................ H.sync = 15 kHz to 130 kHz
• Display oscillation stop function

APPLICATION
   CRT display, Liquid crystal display, Plasma display




Similar Part No. - M35070

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35070 MITSUBISHI-M35070 Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35070-002DP MITSUBISHI-M35070-002DP Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35070-002FP MITSUBISHI-M35070-002FP Datasheet
326Kb / 54P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
More results


Similar Description - M35070

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com