Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35070 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M35070 Datasheet HTML 4Page - Renesas Technology Corp M35070 Datasheet HTML 5Page - Renesas Technology Corp M35070 Datasheet HTML 6Page - Renesas Technology Corp M35070 Datasheet HTML 7Page - Renesas Technology Corp M35070 Datasheet HTML 8Page - Renesas Technology Corp M35070 Datasheet HTML 9Page - Renesas Technology Corp M35070 Datasheet HTML 10Page - Renesas Technology Corp M35070 Datasheet HTML 11Page - Renesas Technology Corp M35070 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
7
DISPLAY RAM
Address 00016 to 11F16
Register
Status
Contents
Function
Remarks
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Set the displayed ROM character code.
To write data into page 0 (Note 2), select the data from the ROM
characters (256 types) for page 0 and set the character code. To
write data into page 1, do the same from the ROM characters (256
types) for page 1.
DA
Set display character
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Set blinking
See register BLINK2 to BLINK0 (ad-
dress12816)
Set character background
(character unit)
Do not blink.
Blinking
BB
0
0
0
0
1
1
1
1
C0
C1
C2
C3
C4
C5
C6
C7
R
G
B
BLINK
BR
BG
BB
Set character color (character unit)
BR
0
1
0
1
0
1
0
1
BG
0
0
1
1
0
0
1
1
B
0
0
0
0
1
1
1
1
R
0
1
0
1
0
1
0
1
G
0
0
1
1
0
0
1
1
____
Notes 1. The display RAM is undefined state at the AC pin.
2. The display RAM consists of 2 pages, page 0 and page 1 (common address). The page in which data is written is controlled by the
DAF bit. When set to "0", data is written into page 0, whereas when set to "1", data is written into page 1.
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com