Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35070 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M35070 Datasheet HTML 18Page - Renesas Technology Corp M35070 Datasheet HTML 19Page - Renesas Technology Corp M35070 Datasheet HTML 20Page - Renesas Technology Corp M35070 Datasheet HTML 21Page - Renesas Technology Corp M35070 Datasheet HTML 22Page - Renesas Technology Corp M35070 Datasheet HTML 23Page - Renesas Technology Corp M35070 Datasheet HTML 24Page - Renesas Technology Corp M35070 Datasheet HTML 25Page - Renesas Technology Corp M35070 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
21
MODE0
0
1
0
1
POPUP
0
1
Display mode
Standard (Page 1 priority)
Standard (Page 0 priority)
AND
EXOR
OR
DISPLAY FORM 2
This IC can display both page 0 and page 1 at the same time.
Page 0: Set the DAF bit in each addresses to "0".
Page 1: Set the DAF bit in each addresses to "1".
MODE1
0
0
1
1
Fig. 7
Example of 2 pages display
Example 1: Display position, display size, color, etc., can be freely set for each page, and the 2 pages can be displayed on top of each other
or side-by-side.
Example 2: When the display range of the 2 pages overlap on the monitor screen, they can be displayed in the 5 below ways using registers
MODE0 (address 12716), MODE1 (address 12816) and POPUP (address 12616). (The POPUP register is effective only when
MODE0 = "0" and MODE1 = "0".)
(1) Standard (page 1 priority) … Page 1 has priority in overlapping areas. Page 0 is not displayed in those areas.
(2) Standard (page 0 priority) … Page 0 has priority in overlapping areas. Page 1 is not displayed in those areas.
(3) AND .................................… In overlapping areas, the RGB output of the 2 pages is AND processed and output.
(4) EXOR ..............................… In overlapping areas, the RGB output of the 2 pages is EXOR processed and output.
(5) OR ...................................… In overlapping areas, the RGB output of the 2 pages is OR processed and output.
Menu
Setting
Help
End
Page 0 (24 columns ! 12 line)
Page 1 (24 column ! 12 line)
Monitor display
Monitor display
Example 1
Example 2
Screen size
Tone
Menu
Setting
Help
End
Screen size
Tone
Page 0 (24 columns ! 12 line)
Page 1 (24 columns ! 12 line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com