Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35070 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M35070 Datasheet HTML 21Page - Renesas Technology Corp M35070 Datasheet HTML 22Page - Renesas Technology Corp M35070 Datasheet HTML 23Page - Renesas Technology Corp M35070 Datasheet HTML 24Page - Renesas Technology Corp M35070 Datasheet HTML 25Page - Renesas Technology Corp M35070 Datasheet HTML 26Page - Renesas Technology Corp M35070 Datasheet HTML 27Page - Renesas Technology Corp M35070 Datasheet HTML 28Page - Renesas Technology Corp M35070 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
24
Fig. 10 Example of the M35070-XXXSP/FP peripheral circuit (Internal synchronous. At EXCK1 = “0”, EXCK0 = “1”)
Fig. 11 Example of the M35070-XXXSP/FP peripheral circuit (External synchronous. At EXCK1 = “1”, EXCK0 = “1”)
Note. CPOUT pin can be opened when use only EXCK1 = “0” and EXCK0 = “0”.
Synchronous signal
generator
Microcomputer
470PF (Note 2)
100
µF
1
µF
0.01
µF
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT
VSS2
AC
TEST
SCL
SDA
TCK
VDD1
P6
P7
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
Horizontal synchronors signal (5V)
Vertical synchronors signal (5V)
+5V
+5V
BLNK0
R
G
B
Mixing
video pre-amp
+
+
100
µF
1
µF
0.01
µF
+
Note 1: Use this 1% precision element
Note 2: Use this 10% precision element
1.0k
(Note 1)
0.1
µF(Note 2)
1
µF
External clock
47PF (Note 2)
100
µF
1
µF
0.01
µF
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT
VSS2
AC
TEST
SCL
SDA
TCK
VDD1
P6
P7
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
+5V
+5V
BLNK0
R
G
B
+
+
100
µF
1
µF
0.01
µF
+
Synchronous signal
generator
Microcomputer
Microcomputer
Horizontal synchronors signal (5V)
Vertical synchronors signal (5V)
Mixing
video pre-amp
Note 1: Use this 1% precision element
Note 2: Use this 10% precision element
1.0k
Ω(Note 1)
0.01
µF(Note 2)
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com