Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35070 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M35070 Datasheet HTML 25Page - Renesas Technology Corp M35070 Datasheet HTML 26Page - Renesas Technology Corp M35070 Datasheet HTML 27Page - Renesas Technology Corp M35070 Datasheet HTML 28Page - Renesas Technology Corp M35070 Datasheet HTML 29Page - Renesas Technology Corp M35070 Datasheet HTML 30Page - Renesas Technology Corp M35070 Datasheet HTML 31Page - Renesas Technology Corp M35070 Datasheet HTML 32Page - Renesas Technology Corp M35070 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
28
Unit
V
mA
V
V
k
Ω
V
Min.
4.75
—
3.5
—
10
0.6VDD
Parameter
Supply voltage
Supply current
“H” level output voltage
“L” level output voltage
__
Pull-up resistance AC
External clock input width
Test conditions
Ta = –20 to +85°C
VDD = 5.00V
VDD = 4.75V, IOH = -0.4mA
VDD = 4.75V, IOH = -0.05mA
VDD = 4.75V, IOL = 0.4mA
VDD = 4.75V, IOL = 0.05mA
VDD = 4.75V, IOL = 3.0mA
VDD = 5.00V
4.75V
≤ VDD ≤ 5.25V
Unit
V
V
V
V
V
MHz
kHz
Parameter
Supply voltage
“L” level input voltage
Symbol
VDD
VIH
VIL
FOSC
H.sync
Symbol
VDD
VI
VO
Pd
Topr
Tstg
ABSOLUTE MAXIMUM RATINGS (VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = +25°C
Ratings
–0.3 to +6.0
VSS –0.3
≤ VI ≤ VDD +0.3
VSS
≤ VO ≤ VDD
+300
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Typ.
5.0
VDD
VDD
0
0
—
—
Min.
4.75
0.8VDD
0.7VDD
0
0
20.0
15.0
Max.
5.25
VDD
VDD
0.2VDD
0.3VDD
90.0
130.0
Limits
RECOMMENDED OPERATING CONDITIONS (VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VDD = 5.00V, Ta = 25°C, unless otherwise noted)
Symbol
VDD
IDD
VOH
VOL
RI
VTCK
Limits
Max.
5.25
60
—
0.4
100
0.9VDD
P0 to P7 (Note1)
CPOUT
P0 to P7 (Note2)
CPOUT
SDA
Typ.
5.0
40
—
—
30
—
SCL, SDA
“H” level input voltage
__
AC HOR, VERT
SCL, SDA
__
AC HOR, VERT
Oscillating frequency for display
Horizontal synchronous signal input frequeney
Notes 1. The current from the IC must not exceed – 0.4 mA/port at any of the port pins (P0 to P7).
2. The current flowing into the IC must not exceed 0.4 mA/port at any of port pins (P0 to P7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com