Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W15NB50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # W15NB50
Description  N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W15NB50 Datasheet(HTML) 1 Page - STMicroelectronics

  W15NB50 Datasheet HTML 1Page - STMicroelectronics W15NB50 Datasheet HTML 2Page - STMicroelectronics W15NB50 Datasheet HTML 3Page - STMicroelectronics W15NB50 Datasheet HTML 4Page - STMicroelectronics W15NB50 Datasheet HTML 5Page - STMicroelectronics W15NB50 Datasheet HTML 6Page - STMicroelectronics W15NB50 Datasheet HTML 7Page - STMicroelectronics W15NB50 Datasheet HTML 8Page - STMicroelectronics W15NB50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STW15NB50
STH15NB50FI
N-CHANNEL 500V - 0.33
Ω - 14.6A -
T0-247/ISOWATT218 PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.33
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process,
SGS-Thomson
has
designed
an
advanced
family
of
power
MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
STW 15NB50
ST H15NB50FI
VDS
Drain-source Volt age (VGS =0)
500
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
500
V
VGS
Gat e-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
o C
14.6
10. 5
A
ID
Drain Current (continuous) at Tc =100
oC9.2
6.6
A
IDM(
•)
Drain Current (pulsed)
58.4
58. 4
A
Ptot
Tot al Dissipation at Tc =25
oC190
80
W
Derating F act or
0.64
1. 52
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
4
V/ ns
VISO
Insulat ion Withstand Volt age (DC)
4000
V
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
TYPE
VDSS
RDS(on)
ID
ST W15NB50
ST H15NB50FI
500 V
500 V
<0.36
Ω
< 0.36 Ω
14.6 A
10.5 A
June 1998
1
2
3
TO-247
ISOWATT218
1
2
3
1/9


Similar Part No. - W15NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
W15NA50 STMICROELECTRONICS-W15NA50 Datasheet
243Kb / 11P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
W15NK90Z STMICROELECTRONICS-W15NK90Z Datasheet
208Kb / 9P
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Apr-2004
logo
Inchange Semiconductor ...
W15NK90Z ISC-W15NK90Z Datasheet
273Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - W15NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Feb-2002
STW11NB80 STMICROELECTRONICS-STW11NB80 Datasheet
87Kb / 8P
N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET
Jul-1999
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
Apr-1999
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
Jun-2002
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
Oct-1999
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh™ I MOSFET
May-2001
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com