Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W20NM50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # W20NM50
Description  N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W20NM50 Datasheet(HTML) 1 Page - STMicroelectronics

  W20NM50 Datasheet HTML 1Page - STMicroelectronics W20NM50 Datasheet HTML 2Page - STMicroelectronics W20NM50 Datasheet HTML 3Page - STMicroelectronics W20NM50 Datasheet HTML 4Page - STMicroelectronics W20NM50 Datasheet HTML 5Page - STMicroelectronics W20NM50 Datasheet HTML 6Page - STMicroelectronics W20NM50 Datasheet HTML 7Page - STMicroelectronics W20NM50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2002
STW20NM50
N-CHANNEL 500V - 0.20
Ω - 20A TO-247
MDmesh™Power MOSFET
n
TYPICAL RDS(on) = 0.20Ω
n
HIGH dv/dt AND AVALANCHE CAPABILITIES
n
100% AVALANCHE TESTED
n
LOW INPUT CAPACITANCE AND GATE
CHARGE
n
LOW GATE INPUT RESISTANCE
n
TIGHT PROCESS CONTROL AND HIGH
MANUFACTURING YIELDS
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar competition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increasing
power density of high voltage converters allowing
system miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW20NM50
500V
< 0.25
Ω
20 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
20
A
ID
Drain Current (continuous) at TC = 100°C
12.6
A
IDM (l)
Drain Current (pulsed)
80
A
PTOT
Total Dissipation at TC = 25°C
214
W
Derating Factor
1.44
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
15
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1) ISD ≤20A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
1
2
3
TO-247
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - W20NM50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
W20NM60 ISC-W20NM60 Datasheet
358Kb / 2P
isc N-Channel MOSFET Transistor
W20NM60 ISC-W20NM60 Datasheet
376Kb / 2P
N-Channel MOSFET Transistor
logo
STMicroelectronics
W20NM60FD STMICROELECTRONICS-W20NM60FD Datasheet
341Kb / 15P
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
01-Aug-2006
More results

Similar Description - W20NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
287Kb / 7P
N-CHANNEL 500V - 0.20ohm - 20A D2PAK FDmesh™ Power MOSFET With FAST DIODE
Nov-2001
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
Oct-1999
STW20NM50FD STMICROELECTRONICS-STW20NM50FD Datasheet
248Kb / 8P
N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh™ Power MOSFET with FAST DIODE
Jun-2002
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
256Kb / 8P
N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW26NM50 STMICROELECTRONICS-STW26NM50 Datasheet
234Kb / 9P
N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
24-Jun-2004
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh™ Power MOSFET
Jan-2003
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
logo
Unisonic Technologies
20N50 UTC-20N50 Datasheet
142Kb / 4P
20A, 500V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STW20NM50 STMICROELECTRONICS-STW20NM50_V01 Datasheet
182Kb / 8P
N-CHANNEL 550V @ Tjmax - 0.20Ω - 20A TO-247 MDmesh™ MOSFET
Feb-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com