Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W20NM50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # W20NM50
Description  N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W20NM50 Datasheet(HTML) 2 Page - STMicroelectronics

  W20NM50 Datasheet HTML 1Page - STMicroelectronics W20NM50 Datasheet HTML 2Page - STMicroelectronics W20NM50 Datasheet HTML 3Page - STMicroelectronics W20NM50 Datasheet HTML 4Page - STMicroelectronics W20NM50 Datasheet HTML 5Page - STMicroelectronics W20NM50 Datasheet HTML 6Page - STMicroelectronics W20NM50 Datasheet HTML 7Page - STMicroelectronics W20NM50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STW20NM50
2/8
THERMAL DATA
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80%
VDSS.
Rthj-case
Thermal Resistance Junction-case
Max
0.585
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
30
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
10
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = 5 A, VDD = 35 V)
650
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
500
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
100
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ±30V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
34
5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 10A
0.20
0.25
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS > ID(on) x RDS(on)max,
ID = 10A
10
S
Ciss
Input Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
1480
pF
Coss
Output Capacitance
285
pF
Crss
Reverse Transfer
Capacitance
34
pF
Coss eq. (2)
Equivalent Output
Capacitance
VGS = 0V, VDS = 0V to 400V
130
pF
RG
Gate Input Resistance
f=1 MHz Gate DC Bias = 0
Test Signal Level = 20mV
Open Drain
1.6
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com