Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3T-FLX64-R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M3T-FLX64-R
Description  Board for converting direction by 90/180째
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3T-FLX64-R Datasheet(HTML) 1 Page - Renesas Technology Corp

  M3T-FLX64-R Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
These boards orient the direction of an emulation pod with an
FLX64 (40-pin narrow-pitch connector x 2 pcs.) probe tip by
90/180°.
Application
When connecting an emulation pod with an FLX64 probe tip
form to a dummy
IC (M3T-DUMMY64)
etc., use the
M3T-FLX64-T. It allows the emulation pod to be installed at a
position 90° counterclockwise from the corresponding position
on the dummy IC. Similarly, the M3T-FLX64-R allows the
emulation pod to be installed at a position 180° counterclockwise
from the corresponding position on the dummy IC.
Dimensions
24.0(D)×24.0(W)×10.0(H)mm
Usage Example
*The example of when you use the M3T-DUMMY64 is as
follows.
*
: Position of No. 1 pin
M3T-FLX64-T/M3T-FLX64-R
Board for converting direction by 90/180°
[Ordering Information] See Appendix H "Ordering Information".


Similar Part No. - M3T-FLX64-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-FLX-100LCC RENESAS-M3T-FLX-100LCC Datasheet
146Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch LCC
M3T-FLX-100NRB RENESAS-M3T-FLX-100NRB Datasheet
112Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch QFP
M3T-FLX-100NSD RENESAS-M3T-FLX-100NSD Datasheet
361Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.5mm-pitch LQFP
M3T-FLX-100NSE RENESAS-M3T-FLX-100NSE Datasheet
316Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.4mm-pitch TQFP
M3T-FLX-120NSE RENESAS-M3T-FLX-120NSE Datasheet
286Kb / 1P
Converter for Connecting 160-core Flexible Board FLX160 to 120-pin 0.4mm-pitch LQFP
More results

Similar Description - M3T-FLX64-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2650 NJRC-NJM2650 Datasheet
62Kb / 6P
Dual Hall Amplifier IC for Converting Signals
logo
RF Micro Devices
AN0005 RFMD-AN0005 Datasheet
25Kb / 2P
Converting Field Strength to Power
logo
Renesas Technology Corp
M3T-FLX100-T RENESAS-M3T-FLX100-T Datasheet
376Kb / 1P
Board for converting direction by 90/180째
M3T-FLX-DCT503 RENESAS-M3T-FLX-DCT503 Datasheet
214Kb / 1P
Board for Converting Pin Assignments to Connect the M37515T-RPD(for 7515 Group)
logo
Yamaichi Electronics Co...
CT09-15PK211 YAMAICHI-CT09-15PK211 Datasheet
251Kb / 2P
180째 Solder Cup
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
180째 Solder Dip
MDIN03K YAMAICHI-MDIN03K Datasheet
56Kb / 1P
180째 PTH Socket
ZS3A-04-G2 YAMAICHI-ZS3A-04-G2 Datasheet
82Kb / 1P
180째 TH Socket for PCB Mount
logo
ams AG
AS7057 AMSCO-AS7057 Datasheet
804Kb / 13P
Biosignal Converting Unit
v1-00 2022-May-10
AS7056 AMSCO-AS7056 Datasheet
834Kb / 13P
Biosignal Converting Unit
v1-00 2022-May-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com