Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7136B Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7136B
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136B Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7136B Datasheet HTML 7Page - Anpec Electronics Coropration APW7136B Datasheet HTML 8Page - Anpec Electronics Coropration APW7136B Datasheet HTML 9Page - Anpec Electronics Coropration APW7136B Datasheet HTML 10Page - Anpec Electronics Coropration APW7136B Datasheet HTML 11Page - Anpec Electronics Coropration APW7136B Datasheet HTML 12Page - Anpec Electronics Coropration APW7136B Datasheet HTML 13Page - Anpec Electronics Coropration APW7136B Datasheet HTML 14Page - Anpec Electronics Coropration APW7136B Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2008
APW7136A/B/C
www.anpec.com.tw
11
Application Information (Cont.)
Output Capacitor Selection (Cont.)
For ceramic capacitor application, the output voltage ripple
is dominated by the
∆V
COUT. W hen choosing the input and
output ceramic capacitors, the X5R or X7R with their
good temperature and voltage characteristics are
recommended.
Diode Selection
To achieve high efficiency, a Schottky diode must be used.
The current rating of the diode must meet the peak cur-
rent rating of the converter.
Setting the LED Current
In figure 1, the converter regulates the voltage on FB pin,
connected with the cathod of the lowest LED and the cur-
rent-sense resistor R1, at 0.25V (typical). Therefore the
current (I
LED), flowing via the LEDs and the R1, is calcu-
lated by the following equation:
I
LED = 0.25V/R1
Recommended Inductor Selection
Designator Manufacturer
Part Number
Inductance (µH)
Max DCR (ohm)
Saturation
Current (A)
Dimensions
L x W x H (mm
3)
L1
GOTREND
GTSD32
22
0.592
0.52
3.85 x 3.85 x 1.8
Recommended Capacitor Selection
Designator Manufacturer
Part Number
Capacitance (µF)
TC Code
Rated Voltage (V)
Case size
C1
Murata
GRM188R60J475KE19
4.7
X5R
6.3
0603
C2
Murata
GRM21BR71H105KA12
1.0
X7R
50
0805
Recommended Diode Selection
Designator Manufacturer
Part Number
Maximum average forward
rectified current (A)
Maximum repetitive peak
reverse voltage (V)
Case size
D1
Zowie
MSCD106
1.0
60
0805
D1
Zowie
MSCD104
1.0
40
0805
Layout Consideration
For all switching power supplies, the layout is an impor-
tant step in the design; especially at high peak currents
and switching frequencies. If the layout is not carefully
done, the regulator might show noise problems and duty
cycle jitter.
1. The input capacitor should be placed close to the VIN
and GND. Connecting the capacitor with VIN and GND
pins by short and wide tracks without using any vias for
filtering and minimizing the input voltage ripple.
2. The inductor should be placed as close as possible to
the LX pin to minimize length of the copper tracks as
well as the noise coupling into other circuits.
3. Since the feedback pin and network is a high imped-
ance circuit, the feedback network should be routed
away from the inductor. The feedback pin and feed-
back network should be shielded with a ground plane
or track to minimize noise coupling into this circuit.
4. A star ground connection or ground plane minimizes
ground shifts and noise is recommended.
To Anode of
WLEDs
From Cathod
of WLEDs
Via To OVP
Via To GND
L1
C1
Via To V
OUT
D1
V
ADJ
V
EN
V
IN
LX
Refer to Fig. 3
Optimized APW7136 Layout
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com