Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7136B Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7136B
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136B Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7136B Datasheet HTML 1Page - Anpec Electronics Coropration APW7136B Datasheet HTML 2Page - Anpec Electronics Coropration APW7136B Datasheet HTML 3Page - Anpec Electronics Coropration APW7136B Datasheet HTML 4Page - Anpec Electronics Coropration APW7136B Datasheet HTML 5Page - Anpec Electronics Coropration APW7136B Datasheet HTML 6Page - Anpec Electronics Coropration APW7136B Datasheet HTML 7Page - Anpec Electronics Coropration APW7136B Datasheet HTML 8Page - Anpec Electronics Coropration APW7136B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2008
APW7136A/B/C
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 7
V
FB, EN to GND Voltage
-0.3 ~ VIN
V
VLX
LX to GND Voltage
-0.3 ~ 38
V
VOVP
OVP to GND Voltage
-0.3 ~ 38
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 seconds
260
°C
Note 1: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings (Note 1)
Thermal Characteristics (Note 2)
Symbol
Parameter
Rating
Unit
θ
JA
Junction to Ambient Thermal Resistance
SOT-23-6
250
°C/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad of package is
soldered directly on the PCB.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
2.7~ 6
V
VOUT
Converter Output Voltage
Up to 32
V
CIN
Input Capacitor
4.7 or higher
µF
COUT
Output Capacitor
0.68 or higher
µF
L1
Inductor
6.8 to 47
µH
TA
Ambient Temperature
-40 to 85
°C
TJ
Junction Temperature
-40 to 125
°C
Note 3: Refer to the application circuit for further information.
Electrical Characteristics
APW7136A/B/C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE AND CURRENT
VIN
Input Voltage Range
TA = -40 ~ 85°C, TJ = -40 ~ 125°C
2.7
-
6
V
IDD1
VFB = 1.3V, no switching
70
100
130
µA
IDD2
FB = GND, switching
-
1
2
mA
ISD
Input DC bias current
EN = GND
-
-
1
µA
UNDER VOLTAGE LOCKOUT
UVLO Threshold Voltage
VIN Rising
2.0
2.2
2.4
V
UVLO Hysteresis Voltage
50
100
150
mV
(Refer to Figure 1 in the “Typical Application Circuits”. These specifications apply over V
IN = 3.6V, TA = -40°C to 85°C, unless otherwise
noted. Typical values are at T
A = 25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com