Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7136ACITRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7136ACITRG
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136ACITRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7136ACITRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 12Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2008
APW7136A/B/C
www.anpec.com.tw
9
Function Descriptions
Main Control Loop
The APW 7136 is a constant frequency current-mode
switching regulator. During normal operation, the inter-
nal N-channel power MOSFET is turned on each cycle
when the oscillator sets an internal RS latch and turned
off when an internal comparator (ICMP) resets the latch.
The peak inductor current at which ICMP resets the RS
latch is controlled by the voltage on the COMP node, which
is the output of the error amplifier (EAMP). An external
resistive divider connected between V
OUT and ground al-
lows the EAMP to receive an output feedback voltage V
FB
at FB pin. When the load current increases, it causes a
slightly decrease in V
FB relative to the 0.25V reference,
which in turn causes the COMP voltage to increase until
the average inductor current matches the new load
current.
VIN Under-Voltage Lockout (UVLO)
The Under-Voltage Lockout (UVLO) circuit compares the
input voltage at VIN with the UVLO threshold (2.2V, typical)
to ensure the input voltage is high enough for reliable
operation. The 100mV (typ) hysteresis prevents supply
transients from causing a restart. Once the input voltage
exceeds the UVLO rising threshold, startup begins. When
the input voltage falls below the UVLO falling threshold,
the controller turns off the converter.
Soft-Start
The APW7136 has a built-in soft-start to control the N-
channel MOSFET current rise during start-up. During soft-
start, an internal ramp, connected to one of the inverting
inputs, raise up to replace the output voltage of error am-
plifier until the ramp voltage reaches the V
COMP.
Current-Limit Protection
The APW 7136 monitors the inductor current, flowing
through the N-channel MOSFET, and limits the current
peak at current-limit level to prevent loads and the
APW7136 from damages during overload conditions.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7136. When the junction temperature ex-
ceeds 150οC, a thermal sensor turns off the power
MOSFET, allowing the devices to cool. The thermal sen-
sor allows the converters to start a soft-start process and
regulate the output voltage again after the junction tem-
perature cools by 40οC. The OTP designed with a 40οC
hysteresis lowers the average Junction Temperature (T
J)
during continuous thermal overload conditions, increas-
ing the lifetime of the device.
Enable/Shutdown
Driving EN to ground places the APW7136 in shutdown
mode. When in shutdown, the internal power MOSFET
turns off, all internal circuitry shuts down and the quiescnet
supply current reduces to 1
µA maximum.
Open-LED Protection
In driving LED applications, the feedback voltage on FB
pin falls down if one of the LEDs, in series, is failed.
Meanwhile, the converter unceasingly boosts the output
voltage like a open-loop operation. Therefore, an over-
voltage protection (OVP), monitoring the output voltage
via OVP pin, is integrated into the chip to prevent the LX
and the output voltages from exceeding their maximum
voltage ratings. When the voltage on the OVP pin rises
above the OVP threshold, the converter stops switching
and prevents the output voltage from rising. The converter
can work again when the OVP voltage falls below the
falling of OVP voltage threshold.
This pin also could be used as a digital input allowing
brightness control using a PWM signal from 100Hz to
100KHz. The 0% duty cycle of PWM signal corresponds
to zero LEDs current and 100% corresponds to full one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com