Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7136ACITRG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7136ACITRG
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136ACITRG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7136ACITRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7136ACITRG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2008
APW7136A/B/C
www.anpec.com.tw
6
Operating Waveforms (Cont.)
(Refer to the application circuit in the section “Typical Application Circuits”, V
IN=3.6V, TA=25
oC, 8WLEDs unless otherwise speci-
fied )
CH1: V
EN, 2V/Div, DC
CH2: V
IN, 2V/Div, DC
CH3: V
OUT, 10V/Div, DC
CH4: I
L, 0.1A/Div, DC
Time: 1ms/Div
Start-up
2
1
3
4
V
OUT
I
IN, 0.1A/Div
V
IN
V
EN
4WLEDs, L=22µH, V
IN=3.6V, ILED=20mA
CH1: V
OUT, 10V/Div, DC
Time: 20ms/Div
Open-LED Protection
1
V
OUT,10V/Div
APW7136C
CH1: V
LX, 20V/Div, DC
CH2: V
OUT, 50V/Div, AC
CH3: I
L, 0.1A/Div, DC
Time: 1µs/Div
Normal Operating Waveform
3
2
1
V
OUT,50mV/Div,AC
V
LX, 20V/Div, DC
I
L, 0.1A/Div
8WLEDs, L=22µH, V
IN=3.6V, ILED=20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com