Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR401 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AVR401
Description  8-bit Precision A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR401 Datasheet(HTML) 2 Page - ATMEL Corporation

  AVR401 Datasheet HTML 1Page - ATMEL Corporation AVR401 Datasheet HTML 2Page - ATMEL Corporation AVR401 Datasheet HTML 3Page - ATMEL Corporation AVR401 Datasheet HTML 4Page - ATMEL Corporation AVR401 Datasheet HTML 5Page - ATMEL Corporation AVR401 Datasheet HTML 6Page - ATMEL Corporation AVR401 Datasheet HTML 7Page - ATMEL Corporation AVR401 Datasheet HTML 8Page - ATMEL Corporation AVR401 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AVR401
0953C–AVR–02/03
The algorithm used for the conversion is as follows:
1.
Turn on the reference.
2.
Charge the capacitor until the reference voltage is reached. Measure the time
needed for this, T
ref.
3.
Turn off the reference and discharge the capacitor
4.
Charge the capacitor until the input voltage is reached. Measure the time needed
for this, T
in.
The conversion cycle is shown in Figure 2.
The time measurement is performed by the Timer/Counter, which is expanded to nine
bits by using the Timer/Counter Overflow Interrupt.
Figure 2. Conversion Cycle
Calculation
Suppose that V
CC is 5 volts. The relationship between the input voltage and the refer-
ence voltage is given by:
Equation 1
The ideal output from the conversion is an 8-bit number, where 0 volts corresponds to
zero and 5 volts is 255. The reference voltage V
CC/2 thus corresponds to 128. The
equation can be re-written as:
Equation 2
However, with inaccuracy in the reference resistors, the reference voltage may vary
slightly. To compensate for this, a calibration can be performed by applying a known
voltage at the input, and compare this to the reference. If the applied calibration voltage
is exactly 2.5 volts, the reference voltage can be found by the equation:
Equation 3
V
in
V
ref
T
in
×
T
ref
---------------------------
=
V
in
T
in
128
×
T
ref
-------------------------
=
V
ref
T
ref
V
cal
×
T
cal
------------------------------
T
ref
128
×
T
cal
---------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com