Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR401 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AVR401
Description  8-bit Precision A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR401 Datasheet(HTML) 3 Page - ATMEL Corporation

  AVR401 Datasheet HTML 1Page - ATMEL Corporation AVR401 Datasheet HTML 2Page - ATMEL Corporation AVR401 Datasheet HTML 3Page - ATMEL Corporation AVR401 Datasheet HTML 4Page - ATMEL Corporation AVR401 Datasheet HTML 5Page - ATMEL Corporation AVR401 Datasheet HTML 6Page - ATMEL Corporation AVR401 Datasheet HTML 7Page - ATMEL Corporation AVR401 Datasheet HTML 8Page - ATMEL Corporation AVR401 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AVR401
0953C–AVR–02/03
The calibration cycle is executed by holding the PB7-pin high during Power-up. The cal-
ibration voltage is then applied, and the PB7-pin is set low. This starts calibration, and
once performed, the value of the reference voltage is stored in EEPROM. During normal
operation, the reference value is read from EEPROM, and the input voltage is calculated
using Equation 1.
Configuration
Example
As the resulting output is to be eight bits, the timer should be of at least nine bits to
maintain the resolution. The components should be chosen so that the nominal time
charging the capacitor up to V
CC is about 256 timer steps. In that way, inaccuracy in the
component values and temperature changes are allowed, without causing the charging
time to be longer than the maximum timer period, or too short, giving lower resolution.
To achieve sufficient accuracy, a prescaler factor of eight or higher should be used. The
AT90S1200 Timer/Counter0 is of only eight bits, so the ninth bit must be handled in soft-
ware. The following example illustrates how the component values can be found.
First, decide which crystal frequency to operate at. With a 4 MHz crystal, the clock
period is 250 ns. By setting the prescaler to CK/8, the Timer is incremented every 2 µs.
The maximum timer period with nine bits is 512 x 2 µs = 1,024 µs. From this, we set
2x T
REF to 512 µs.
The charging of a capacitor whit a constant current is described by the equation:
Equation 4
We can find the required current when the capacitor size, the time and the voltage differ-
ence is known:
Equation 5
The capacitor will be charged up to V
CC = 5 V, and with a 220 µF capacitor, the transis-
tor must supply a current of 2.15 mA. The R
B value is dependent upon the transistor’s
h
FE. For a BC558A pnp transistor, hFE is in the range 125 to 250. This makes this tran-
sistor ideal for use, since any h
FE value in the specified range can be used. To make
sure the full range in h
FE can be used, the average value, 188, is used in the calcula-
tions. The resulting base current is 11.4
µA.
The transistor is turned on by applying a “0” on the corresponding pin. At this current
values, the transistor base-emitter voltage is about ÷0.1 V. The base resistor is found to
be:
Equation 6
The reference voltage is generated by the divider network Rref1 and Rref2. The Rin has to
be much larger than these two, so that the input voltage will not influence with the refer-
ence voltage. 100 k
Ω for R
in and 1 kΩ for each of Rref1 and Rref2 is suitable.
∆V
I
C
----
∆t
×
=
I
∆VC
×
∆t
------------------
=
R
B
V
CC
V
BE
+
I
B
--------------------------------
4.9V
11.4
µA
-------------------
430k
Ω
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com