Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61520FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61520FP
Description  6ch Electronic Volume with Tone Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61520FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61520FP Datasheet HTML 8Page - Renesas Technology Corp M61520FP Datasheet HTML 9Page - Renesas Technology Corp M61520FP Datasheet HTML 10Page - Renesas Technology Corp M61520FP Datasheet HTML 11Page - Renesas Technology Corp M61520FP Datasheet HTML 12Page - Renesas Technology Corp M61520FP Datasheet HTML 13Page - Renesas Technology Corp M61520FP Datasheet HTML 14Page - Renesas Technology Corp M61520FP Datasheet HTML 15Page - Renesas Technology Corp M61520FP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
M61520FP
Rev.1.0, Sep.19.2003, page 13 of 15
Gain Level Diagram
<I
Input D range
Input D range
Output D range
Input D range
Output D range
Input D range
Output D range
Input D range
Output D range
Input D range
Output D range
Input D range
Output D range
NPUT SELECTOR>
ATT
SELECTOR
INPUT
-4.4/-9.4/
-8/-13/
-11.6/-16.6dB
2.2Vrms(9V Vcc)
-1
<RECBLOCK>
MIC INPUT
MIC MIXING (0dB)
REC OUT
2.2Vrms(9V Vcc)
2.2Vrms (9V Vcc)
REC INPUT
REC MIXING
(+1/+3/+4.6/+6.6dB)
MIC BUF
+
<FL,FR BUF>
FL,FR IN
MIC MIXI NG
FL,FR BUF OUT
1.8Vrms (9V Vcc)
MIC BUF
1.8Vrms (9V Vcc)
INPUT GAIN
(0/+3.6dB)
FL,FR OUT
1.8Vrms (9V Vcc)
OUTPUT GAIN
(0/+2/+6.5/+10.5dB)
Bass Boost
2.2Vrms (9V Vcc)
Coupled
(0/-2/-6.5/-10.5dB)
TOTAL GAIN
-4.4/-8/-9.4/-11.6/-13/-16.6dB
AD OUT
TOTAL GAIN
+1/+3/+4.6/+6.6dB (Mixed)
<FL,FR Vol>
FL,FR VOL IN
<C to SW BUF>
1.8Vrms (9V Vcc)
INPUT GAIN
(0/+3.6dB)
C to SW IN
TOTAL GAIN
0dB or 3.6dB
C to SW BUFOUT
1.8Vr ms (9V Vcc)
<C,SL,SR Vo l>
C,SL,SR VOL IN
OUTPUT GAIN
(0/+6dB)
1.8Vrms (9V Vcc)
2.2Vrms (9V Vcc)
TOTAL GAIN
0dB or 6dB
C,SL,SR OUT
<SW Vol>
SW VOL IN
OUTPUT GAIN
(+6/+10dB)
1.8Vrms (9V Vcc)
2.2Vr ms (9V Vcc)
TOTAL GAIN
6dB or 10dB
SW OUT
+
Caution: Do not input a signal which exceeds the power-supply voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com