Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61520FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61520FP
Description  6ch Electronic Volume with Tone Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61520FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61520FP Datasheet HTML 1Page - Renesas Technology Corp M61520FP Datasheet HTML 2Page - Renesas Technology Corp M61520FP Datasheet HTML 3Page - Renesas Technology Corp M61520FP Datasheet HTML 4Page - Renesas Technology Corp M61520FP Datasheet HTML 5Page - Renesas Technology Corp M61520FP Datasheet HTML 6Page - Renesas Technology Corp M61520FP Datasheet HTML 7Page - Renesas Technology Corp M61520FP Datasheet HTML 8Page - Renesas Technology Corp M61520FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M61520FP
Rev.1.0, Sep.19.2003, page 2 of 15
System Block Diagram
-4.4/-9.4/
-8/-13/
-11.6/-16.6dB
-4.4/-9.4/
-8/-13/
-11.6/-16.6dB
MCU I/F
ATT
-1
ATT
-1
+
+
-
-
-
-
+
+
-
+
+
-
+
+
-
-
+
+
+
+
0/-2/-6.5/-10.5dB
Gain
0/+2/+6.5/+10.5dB
Gain
0/+2/+6.5/+10.5dB
Gain
0/+6dB
Gain
0/+6dB
Gain
0/+6dB
Gain
+6/+10dB
Master VOL.
Master VOL.
Master VOL.
Master VOL.
Master VOL.
Master VOL.
ref
ref
ref
ref
ref
Bass Boost
Bass Boost
ATT
+1/+3/
+4.6/+6.6dB
Gain
+1/+3/
+4.6/+6.6dB
Gain
Gain
0/+3.6dB
Gain
0/+3.6dB
Gain
0/+3.6dB
Gain
0/+3.6dB
Gain
0/+3.6dB
Gain
0/+3.6dB
6
5
4
3
2
1
REC OUT
MIC IN
REC OUT
6
5
4
3
2
1
FL
FR
SL
SR
C
SW
ref
Coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com