Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEAL100FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SEAL100FP
Description  Sealed Conversion Board for Converting from 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC (100D0) to 100-pin Standard Pitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SEAL100FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  SEAL100FP Datasheet HTML 1Page - Renesas Technology Corp SEAL100FP Datasheet HTML 2Page - Renesas Technology Corp SEAL100FP Datasheet HTML 3Page - Renesas Technology Corp SEAL100FP Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
The SEAL100FP is a board for converting the foot pattern of an
MCU with a 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC
(100D0) package to the standard pitch. Also, this board converts a
100P6S-A or 100D0 IC socket foot pattern to the standard pitch.
Application
The SEAL100FP is a standard pitch converter that is sealed on its
reverse side. It is used to connect an MCU or IC socket with a
100P6S-A or 100D0 package to a standard-pitch universal board,
etc. Since there is a mounting pattern for flat packages on the board,
it allows mask-ROM or PROM MCUs or 100-pin QFP/LCC IC
sockets to be mounted in place directly.
Dimensions
50.80(D)×43.18(W)×0.17(T)mm
Foot Pattern Reference Dimensions
[Ordering Information] See Appendix H "Ordering Information".
SEAL100FP
Sealed Conversion Board for Converting from 100-pin 0.65mm-pitch QFP
(100P6S-A) or LCC (100D0) to 100-pin Standard Pitch


Similar Part No. - SEAL100FP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
logo
Schurter Inc.
SEALINGKIT SCHURTER-SEALINGKIT Datasheet
216Kb / 2P
Sealing for Appliance Inlets
SEALINGKIT SCHURTER-SEALINGKIT Datasheet
226Kb / 2P
Sealing for Appliance Inlets
SEALINGKIT SCHURTER-SEALINGKIT_V01 Datasheet
226Kb / 2P
Sealing for Appliance Inlets
logo
List of Unclassifed Man...
SEALSFLANGES ETC2-SEALSFLANGES Datasheet
98Kb / 1P
SEALING FLANGE
More results

Similar Description - SEAL100FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA4687A RENESAS-PCA4687A Datasheet
237Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch QFP to 100-pin 0.65mm-pitch LCC
M3T-100LCC-80QSB RENESAS-M3T-100LCC-80QSB Datasheet
307Kb / 1P
Converter from 100-pin 0.65mm-pitch LCC to 80-pin 0.65mm-pitch QFP(for M16C/60 Series)
M3T-100LCC-DMS RENESAS-M3T-100LCC-DMS Datasheet
184Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to M3T-DUMMY100S
M3T-100LCC-QSD RENESAS-M3T-100LCC-QSD Datasheet
146Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
M3T-DIRECT100S RENESAS-M3T-DIRECT100S Datasheet
108Kb / 1P
Direct Dummy IC for 100-pin 0.65mm-pitch QFP
M3T-DUMMY100S RENESAS-M3T-DUMMY100S Datasheet
153Kb / 1P
Dummy IC for 100-pin 0.65mm-pitch QFP (100P6S-A, 100P6S-E)
M3T-FLX-100LCC RENESAS-M3T-FLX-100LCC Datasheet
146Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch LCC
M3T-FLX-100NRB RENESAS-M3T-FLX-100NRB Datasheet
112Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch QFP
PCA4687B RENESAS-PCA4687B Datasheet
152Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.65mm-pitch LCC (for Height Adjustment)
PCA4979 RENESAS-PCA4979 Datasheet
2Mb / 16P
Converter from 80-pin 0.65mm-pitch QFP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com